Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet (PDF) - Exar Corporation

XRT83SL34 Datasheet PDF - Exar Corporation
Part # XRT83SL34
Download  XRT83SL34 Download
File Size   856.22 Kbytes
Page   80 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR

XRT83SL34 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT83SL34 Datasheet PDF - Exar Corporation

Part # XRT83SL34
Download  XRT83SL34 Click to download

File Size   856.22 Kbytes
Page   80 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR

XRT83SL34 Datasheet (HTML) - Exar Corporation


XRT83SL34 Product details

GENERAL DESCRIPTION

The XRT83SL34 is a fully integrated Quad (four channel) short-haul line interface unit for T1 (1.544Mbps) 100Ω, E1 (2.048Mbps) 75Ωor 120Ω, or J1 110Ω applications.



FEATURES

• Fully integrated eight channel short-haul transceivers for E1,T1 or J1 applications

• Programable Transmit Pulse Shaper for E1,T1 or J1 short-haul interfaces

• Five fixed transmit pulse settings for T1 short-haul applications plus a fully programmable waveform

generator for transmit output pulse shaping for both T1 and E1 modes.

• Selectable receiver sensitivity from 0 to 36dB cable loss

• Receive monitor mode handles 0 to 29dB resistive attenuation along with 0 to 6dB of cable attenuation

for E1 and 0 to 3dB of cable attenuation for T1 modes

• Supports 75Ω and 120Ω (E1), 100Ω(T1) and 110Ω (J1) applications

• Internal and/or external impedance matching for 75Ω, 100Ω, 110Ωand 120Ω

• Tri-State transmit output and receive input capability for redundancy applications

• Provides High Impedance for Tx and Rx during power off

• Transmit return loss meets or exceeds ETSI 300-166 standard

• On-chip digital clock recovery circuit for high input jitter tolerance

• Crystal-less digital jitter attenuator with 32-bit or 64-bit FIFO selectable either in transmit or receive path

• On-chip frequency multiplier generates T1 or E1 Master clocks from variety of external clock sources

• High receiver interference immunity

• On-chip transmit short-circuit protection and limiting, and driver fail monitor output (DMO)

• Receive loss of signal (RLOS) output

• On-chip HDB3/B8ZS/AMI encoder/decoder functions

• QRSS pattern generator and detection for testing and monitoring

• Error and Bipolar Violation Insertion and Detection

• Receiver Line Attenuation Indication Output in 1dB steps

• Network Loop-Code Detection for automatic Loop Back Activation/Deactivation

• Transmit All Ones (TAOS) and In-Band Network Loop Up and Down code generators

• Supports Local Analog, Remote, Digital and Dual Loop-Back Modes

• Meets or exceeds T1 and E1 short-haul network access specifications in ITU G.703, G.775, G.736



APPLICATIONS

• T1 Digital Cross-Connects (DSX-1)

• ISDN Primary Rate Interface

• CSU/DSU E1/T1/J1 Interface

• T1/E1/J1 LAN/WAN Routers

• Public switching Systems and PBX Interfaces

• T1/E1/J1 Multiplexer and Channel Banks




Similar Part No. - XRT83SL34

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30IV EXAR-XRT83SL30IV Datasheet
417Kb / 76P
SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314 Datasheet
1Mb / 83P
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314IB EXAR-XRT83SL314IB Datasheet
569Kb / 85P
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results


Similar Description - XRT83SL34

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com