Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 3 Page - Exar Corporation

  XRT83SL34 Datasheet HTML 1Page - Exar Corporation XRT83SL34 Datasheet HTML 2Page - Exar Corporation XRT83SL34 Datasheet HTML 3Page - Exar Corporation XRT83SL34 Datasheet HTML 4Page - Exar Corporation XRT83SL34 Datasheet HTML 5Page - Exar Corporation XRT83SL34 Datasheet HTML 6Page - Exar Corporation XRT83SL34 Datasheet HTML 7Page - Exar Corporation XRT83SL34 Datasheet HTML 8Page - Exar Corporation XRT83SL34 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
3
and G.823; TR-TSY-000499; ANSI T1.403 and
T1.408; ETSI 300-166 and AT&T Pub 62411
• Supports both Hardware and Host (parallel Micro-
processor) interface for programming
• Programmable Interrupt
• Low power dissipation
• Logic inputs accept either 3.3V or 5V levels
• Single 3.3V Supply Operation
• 128 pin TQFP package
• -40°C to +85°C Temperature Range
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT83SL34IV
128 Lead TQFP (14 x 20 x 1.4mm)
-40°C to +85°C
FIGURE 3. PIN OUT OF THE XRT83SL34
XRT83SL34
TCLK_2
TP O S _ 2 /TD A TA _ 2
TN EG _2/CO D ES_2
uP TS 1/R C LK E
u P TS 2/TCL K E
RX RE S 0
RX RE S 1
RX TS E L
TX TS E L
TE R SEL1
TE R SEL0
GN D
DV D D
DV D D
DG ND
DG ND
IN T/TRA TIO
IC T
R ESE T
TX O N_ 0
TX O N_ 1
TX O N_ 2
TX O N_ 3
TN EG _1/CO D ES_1
TP O S _ 1 /TD A TA _ 1
TCLK_1
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
DMO _ 0
A [0 ]/E Q C 0
A [1 ]/E Q C 1
A [2 ]/E Q C 2
A [3 ]/E Q C 3
A [4 ]/E Q C 4
A [5 ]/J A S E L0
A [6 ]/J A S E L1
DG ND
DG ND
DG ND
DV DD
DV DD
DV DD
uPC L K/A TAO S
D [0]/LO O P 0_3
D [1]/LO O P 1_3
D [2]/LO O P 0_2
D [3]/LO O P 1_2
D [4]/LO O P 0_1
D [5]/LO O P 1_1
D [6]/LO O P 0_0
D [7]/LO O P 1_0
AGND
AV D D
C L KSE L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com