Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 55 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 55 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 51Page - Exar Corporation XRT83SL34 Datasheet HTML 52Page - Exar Corporation XRT83SL34 Datasheet HTML 53Page - Exar Corporation XRT83SL34 Datasheet HTML 54Page - Exar Corporation XRT83SL34 Datasheet HTML 55Page - Exar Corporation XRT83SL34 Datasheet HTML 56Page - Exar Corporation XRT83SL34 Datasheet HTML 57Page - Exar Corporation XRT83SL34 Datasheet HTML 58Page - Exar Corporation XRT83SL34 Datasheet HTML 59Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
52
TABLE 23: MICROPROCESSOR REGISTER #4, BIT DESCRIPTION
REGISTER ADDRESS
0000100
0010100
0100100
0110100
CHANNEL_n
CHANNEL_0
CHANNEL_1
CHANNEL_2
CHANNEL_3
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #NAME
D7
Reserved
RO
0
D6
DMOIE_n
DMO Interrupt Enable: Writing a “1” to this bit enables DMO
interrupt generation, writing a “0” masks it.
R/W
0
D5
FLSIE_n
FIFO Limit Status Interrupt Enable: Writing a “1” to this bit
enables interrupt generation when the FIFO limit is within to 3
bits, writing a “0” to masks it.
R/W
0
D4
LCVIE_n
Line Code Violation Interrupt Enable: Writing a “1” to this bit
enables Line Code Violation interrupt generation, writing a “0”
masks it.
R/W
0
D3
NLCDIE_n
Network Loop-Code Detection Interrupt Enable: Writing a
“1” to this bit enables Network Loop-code detection interrupt
generation, writing a “0” masks it.
R/W
0
D2
AISDIE_n
AIS Interrupt Enable: Writing a “1” to this bit enables Alarm
Indication Signal detection interrupt generation, writing a “0”
masks it.
R/W
0
D1
RLOSIE_n
Receive Loss of Signal Interrupt Enable: Writing a “1” to this
bit enables Loss of Receive Signal interrupt generation, writing
a “0” masks it.
R/W
0
D0
QRPDIE_n
QRSS Pattern Detection Interrupt Enable: Writing a “1” to
this bit enables QRSS pattern detection interrupt generation,
writing a “0” masks it.
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com