Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 51 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 51 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 47Page - Exar Corporation XRT83SL34 Datasheet HTML 48Page - Exar Corporation XRT83SL34 Datasheet HTML 49Page - Exar Corporation XRT83SL34 Datasheet HTML 50Page - Exar Corporation XRT83SL34 Datasheet HTML 51Page - Exar Corporation XRT83SL34 Datasheet HTML 52Page - Exar Corporation XRT83SL34 Datasheet HTML 53Page - Exar Corporation XRT83SL34 Datasheet HTML 54Page - Exar Corporation XRT83SL34 Datasheet HTML 55Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
48
TABLE 21: MICROPROCESSOR REGISTER #2, BIT DESCRIPTION
REGISTER ADDRESS
0000010
0010010
0100010
0110010
CHANNEL_n
CHANNEL_0
CHANNEL_1
CHANNEL_2
CHANNEL_3
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #NAME
D7
INVQRSS_n Invert QRSS Pattern: When TQRSS is active, Writing a “1” to
this bit inverts the polarity of transmitted QRSS pattern. Writing
a “0” sends the QRSS pattern with no inversion.
R/W
0
D6
TXTEST2_n
Transmit Test Pattern bit 2: This bit together with TXTEST1
and TXTEST0 are used to generate and transmit test patterns
according to the following table:
TDQRSS (Transmit/Detect Quasi-Random Signal): This
condition when activated enables Quasi-Random Signal
Source generation and detection for the selected channel
number n. In a T1 system QRSS pattern is a 220-1 pseudo-
random bit sequence (PRBS) with no more than 14 consecu-
tive zeros. In a E1 system, QRSS is a 215-1 PRBS pattern.
TAOS (Transmit All Ones): Activating this condition enables
the transmission of an All Ones Pattern from the selected
channel number n.
TLUC (Transmit Network Loop-Up Code): Activating this
condition enables the Network Loop-Up Code of “00001” to be
transmitted to the line for the selected channel number n.
When Network Loop-Up code is being transmitted, the
XRT83SL34 will ignore the Automatic Loop-Code detection
and Remote Loop-Back activation (NLCDE1 =“1”, NLCDE0
=“1”, if activated) in order to avoid activating Remote Digital
Loop-Back automatically when the remote terminal responds
to the Loop-Back request.
TLDC (Transmit Network Loop-Down Code): Activating this
condition enables the network Loop-Down Code of “001” to be
transmitted to the line for the selected channel number n.
R/W
0
D5
TXTEST1_n
Transmit Test pattern bit 1: See description of bit D6 for the
function of this bit.
R/W
0
D4
TXTEST0_n
Transmit Test Pattern bit 0: See description of bit D6 for the
function of this bit.
R/W
0
0
0
0
1
1
0
1
1
1
1
1
1
X
X
0
No Pattern
TDQRSS
TAOS
TLUC
Test Pattern
TLDC
TXTEST1
TXTEST0
TXTEST2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com