Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 61 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 61 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 57Page - Exar Corporation XRT83SL34 Datasheet HTML 58Page - Exar Corporation XRT83SL34 Datasheet HTML 59Page - Exar Corporation XRT83SL34 Datasheet HTML 60Page - Exar Corporation XRT83SL34 Datasheet HTML 61Page - Exar Corporation XRT83SL34 Datasheet HTML 62Page - Exar Corporation XRT83SL34 Datasheet HTML 63Page - Exar Corporation XRT83SL34 Datasheet HTML 64Page - Exar Corporation XRT83SL34 Datasheet HTML 65Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
58
TABLE 29: MICROPROCESSOR REGISTER #10, BIT DESCRIPTION
REGISTER ADDRESS
0001010
0011010
0101010
0111010
CHANNEL_n
CHANNEL_0
CHANNEL_1
CHANNEL_2
CHANNEL_3
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #NAME
D7
Reserved
R/W
0
D6-D0
B6S3_n -
B0S3_n
Arbitrary Transmit Pulse Shape, Segment 3
The shape of each channel’s transmitted pulse can be made
independently user programmable by selecting “Arbitrary
Pulse” mode in
Table 5. The arbitrary pulse is divided into
eight time segments whose combined duration is equal to one
period of MCLK.
This 7 bit number represents the amplitude of the nth chan-
nel's arbitrary pulse during the third time segment. B6S3_n-
B0S3_n is in signed magnitude format with B6S3_n as the
sign bit and B0S3_n as the least significant bit (LSB).
R/W
0
TABLE 30: MICROPROCESSOR REGISTER #11, BIT DESCRIPTION
REGISTER ADDRESS
0001011
0011011
0101011
0111011
CHANNEL_n
CHANNEL_0
CHANNEL_1
CHANNEL_2
CHANNEL_3
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #NAME
D7
Reserved
R/W
0
D6-D0
B6S4_n -
B0S4_n
Arbitrary Transmit Pulse Shape, Segment 4
The shape of each channel's transmitted pulse can be made
independently user programmable by selecting “Arbitrary
Pulse” mode in
Table 5. The arbitrary pulse is divided into
eight time segments whose combined duration is equal to one
period of MCLK.
This 7 bit number represents the amplitude of the nth chan-
nel's arbitrary pulse during the fourth time segment. B6S4_n-
B0S4_n is in signed magnitude format with B6S4_n as the
sign bit and B0S4_n as the least significant bit (LSB).
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com