Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 33 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 33 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 29Page - Exar Corporation XRT83SL34 Datasheet HTML 30Page - Exar Corporation XRT83SL34 Datasheet HTML 31Page - Exar Corporation XRT83SL34 Datasheet HTML 32Page - Exar Corporation XRT83SL34 Datasheet HTML 33Page - Exar Corporation XRT83SL34 Datasheet HTML 34Page - Exar Corporation XRT83SL34 Datasheet HTML 35Page - Exar Corporation XRT83SL34 Datasheet HTML 36Page - Exar Corporation XRT83SL34 Datasheet HTML 37Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
30
diagram for T1 (100
Ω) in the external termination mode. Figure 13 is a simplified block diagram for E1 (75Ω) in
the external termination mode.
Table 11 summarizes the transmit terminations.
REDUNDANCY APPLICATIONS
Telecommunication system design requires signal integrity and reliability. When a T1/E1 primary line card has
a failure, it must be swapped with a backup line card while maintaining connectivity to a backplane without
losing data. System designers can achieve this by implementing common redundancy schemes with the
XRT83SL34 Line Interface Unit (LIU). The XRT83SL34 offers features that are tailored to redundancy
applications while reducing the number of components and providing system designers with solid reference
designs. These features allow system designers to implement redundancy applications that ensure reliability.
The Internal Impedance mode eliminates the need for external relays when using the 1:1 and 1+1 redundancy
schemes.
TABLE 10: TRANSMIT TERMINATION CONTROL
TRATIO
TURNS RATIO
01:2.45
11:2
TABLE 11: TRANSMIT TERMINATIONS
TERSEL1
TERSEL0
TXTSEL
TRATIO
Rint Ω
n
Rext Ω
Cext
0=EXTERNAL
SET BY
CONTROL
BITS
n, Rext, AND Cext ARE SUGGESTED
SETTINGS
1=INTERNAL
T1
100
Ω
0
000
0
Ω
2.45
3.1
Ω
0
0
001
0
Ω
23.1
Ω
0
0
0
1
x
12.5
Ω
20
Ω
0.68
µF
J1
110
Ω
0
100
0
Ω
2.45
3.1
Ω
0
0
101
0
Ω
23.1
Ω
0
0
1
1
x
13.75
Ω
20
Ω
0.68
µF
E1
75
Ω
1
000
0
Ω
2.45
6.2
Ω
0
1
001
0
Ω
29.1
Ω
0
10
1
x
9.4
Ω
20
Ω
0.68
µF
E1
120
Ω
1
100
0
Ω
2.45
6.2
Ω
0
1
101
0
Ω
29.1
Ω
0
11
1
x
15
Ω
20
Ω
0.68
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com