Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 34 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 34 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 30Page - Exar Corporation XRT83SL34 Datasheet HTML 31Page - Exar Corporation XRT83SL34 Datasheet HTML 32Page - Exar Corporation XRT83SL34 Datasheet HTML 33Page - Exar Corporation XRT83SL34 Datasheet HTML 34Page - Exar Corporation XRT83SL34 Datasheet HTML 35Page - Exar Corporation XRT83SL34 Datasheet HTML 36Page - Exar Corporation XRT83SL34 Datasheet HTML 37Page - Exar Corporation XRT83SL34 Datasheet HTML 38Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
31
PROGRAMMING CONSIDERATIONS
In many applications switching the control of the transmitter outputs and the receiver line impedance to
hardware control will provide faster transmitter ON/OFF switching.
In Host Mode, there are two bits in register 130 (82H) that control the transmitter outputs and the Rx line
impedance select, TXONCNTL (Bit 7) and TERCNTL (Bit 6).
Setting bit-7 (TXONCNTL) to a “1” transfers the control of the Transmit On/Off function to the TXON_n
Hardware control pins. (Pins 90 through 93 and pins 169 through 172).
Setting bit-6 (TERCNTL) to a “1” transfers the control of the Rx line impedance select (RXTSEL) to the
RXTSEL Hardware control pin (pin 83).
Either mode works well with redundancy applications. The user can determine which mode has the fastest
switching time for a unique application.
TYPICAL REDUNDANCY SCHEMES
s
·1:1 One backup card for every primary card (Facility Protection)
s
·1+1 One backup card for every primary card (Line Protection)
s
·N+1One backup card for N primary cards
1:1 REDUNDANCY
A 1:1 facility protection redundancy scheme has one backup card for every primary card. When using 1:1
redundancy, the backup card has its transmitters tri-stated and its receivers in high impedance. This eliminates
the need for external relays and provides one bill of materials for all interface modes of operation. The transmit
and receive sections of the LIU device are described separately.
1+1 REDUNDANCY
A 1+1 line protection redundancy scheme has one backup card for every primary card, and the receivers on
the backup card are monitoring the receiver inputs. Therefore, the receivers on both cards need to be active.
The transmit outputs require no external resistors. The transmit and receive sections of the LIU device are
described separately.
TRANSMIT 1:1 & 1+1 REDUNDANCY
For 1:1 and 1+1 redundancy, the transmitters on the primary and backup card should be programmed for
Internal Impedance mode. The transmitters on the backup card should be tri-stated. Select the appropriate
impedance for the desired mode of operation, T1/E1/J1. A 0.68uF capacitor is used in series with TTIP for
blocking DC bias. See Figure 14 for a simplified block diagram of the transmit section for 1:1 and 1+1
redundancy scheme.
NOTE: For simplification, the over voltage protection circuitry was omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com