Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 31 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 31 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 27Page - Exar Corporation XRT83SL34 Datasheet HTML 28Page - Exar Corporation XRT83SL34 Datasheet HTML 29Page - Exar Corporation XRT83SL34 Datasheet HTML 30Page - Exar Corporation XRT83SL34 Datasheet HTML 31Page - Exar Corporation XRT83SL34 Datasheet HTML 32Page - Exar Corporation XRT83SL34 Datasheet HTML 33Page - Exar Corporation XRT83SL34 Datasheet HTML 34Page - Exar Corporation XRT83SL34 Datasheet HTML 35Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
28
Figure 12 is a simplified diagram for T1 (100
Ω) in the external receive and transmit termination mode.
Figure 13 is a simplified diagram for E1 (75
Ω) in the external receive and transmit termination mode.
TABLE 7: RECEIVE TERMINATIONS
RXTSEL
TERSEL1
TERSEL0
RXRES1
RXRES0
Rext
Rint
MODE
0x
x
x
x
Rext
∞
T1/E1/J1
10
000
∞
100
Ω
T1
10
100
∞
110
Ω
J1
11
000
∞
75
Ω
E1
11
100
∞
120
Ω
E1
10
001
240
Ω
172
Ω
T1
10
101
240
Ω
204
Ω
J1
11
001
240
Ω
108
Ω
E1
11
101
240
Ω
240
Ω
E1
10
010
210
Ω
192
Ω
T1
10
110
210
Ω
232
Ω
J1
11
010
210
Ω
116
Ω
E1
11
110
210
Ω
280
Ω
E1
10
011
150
Ω
300
Ω
T1
10
111
150
Ω
412
Ω
J1
11
011
150
Ω
150
Ω
E1
11
111
150
Ω
600
Ω
E1
FIGURE 12. SIMPLIFIED DIAGRAM FOR T1 IN THE EXTERNAL TERMINATION MODE (RXTSEL= 0)
3. 1
Ω
3. 1
Ω
TTI P
TR I N G
RT I P
RRI N G
X R T 83S L 34 L IU
100
Ω
100
Ω
100
Ω
1: 2. 45
1: 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com