Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 45Page - Exar Corporation XRT83SL34 Datasheet HTML 46Page - Exar Corporation XRT83SL34 Datasheet HTML 47Page - Exar Corporation XRT83SL34 Datasheet HTML 48Page - Exar Corporation XRT83SL34 Datasheet HTML 49Page - Exar Corporation XRT83SL34 Datasheet HTML 50Page - Exar Corporation XRT83SL34 Datasheet HTML 51Page - Exar Corporation XRT83SL34 Datasheet HTML 52Page - Exar Corporation XRT83SL34 Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
46
TABLE 20: MICROPROCESSOR REGISTER #1, BIT DESCRIPTION
REGISTER ADDRESS
0000001
0010001
0100001
0110001
CHANNEL_n
CHANNEL_0
CHANNEL_1
CHANNEL_2
CHANNEL_3
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #NAME
D7
RXTSEL_n
Receiver Termination Select: In Host mode, this bit is used
to select between the internal and external line termination
modes for the receiver according to the following table;
R/W
0
D6
TXTSEL_n
Transmit Termination Select: In Host mode, this bit is used
to select between the internal and external line termination
modes for the transmitter according to the following table;
R/W
0
D5
TERSEL1_n
Termination Impedance Select1:
In Host mode and in internal termination mode, (TXTSEL = “1”
and RXTSEL = “1”) TERSEL[1:0] control the transmit and
receive termination impedance according to the following
table;
In the internal termination mode, the receiver termination of
each receiver is realized completely by internal resistors or by
the combination of internal and one fixed external resistor.
In the internal termination mode, the transmitter output should
be AC coupled to the transformer.
R/W
0
D4
TERSEL0_n
Termination Impedance Select bit 0:
See description of bit D5 for the function of this bit.
R/W
0
RXTSEL
RX Termination
0
1
External
Internal
TXTSEL
TX Termination
0
1
External
Internal
TERSEL1 TERSEL0
0
0
0
1
1
0
1
1
Termination
100
Ω
110
Ω
75
Ω
120
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com