Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 25 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 25 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 21Page - Exar Corporation XRT83SL34 Datasheet HTML 22Page - Exar Corporation XRT83SL34 Datasheet HTML 23Page - Exar Corporation XRT83SL34 Datasheet HTML 24Page - Exar Corporation XRT83SL34 Datasheet HTML 25Page - Exar Corporation XRT83SL34 Datasheet HTML 26Page - Exar Corporation XRT83SL34 Datasheet HTML 27Page - Exar Corporation XRT83SL34 Datasheet HTML 28Page - Exar Corporation XRT83SL34 Datasheet HTML 29Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
22
JITTER ATTENUATOR
To reduce phase and frequency jitter in the recovered clock, the jitter attenuator can be placed in the receive
signal path. The jitter attenuator uses a data FIFO (First In First Out) with a programmable depth that can vary
between 2x32 and 2x64. The jitter attenuator can also be placed in the transmit signal path or disabled
altogether depending upon system requirements. The jitter attenuator, other than using the master clock as
reference, requires no external components. With the jitter attenuator selected, the typical throughput delay
from input to output is 16 bits for 32 bit FIFO size or 32 bits for 64 bit FIFO size. When the read and write
pointers of the FIFO in the jitter attenuator are within two bits of over-flowing or under-flowing, the bandwidth of
the jitter attenuator is widened to track the short term input jitter, thereby avoiding data corruption. When this
situation occurs, the jitter attenuator will not attenuate input jitter until the read/write pointer’s position is outside
the two bits window. Under normal condition, the jitter transfer characteristic meets the narrow bandwidth
requirement as specified in ITU- G.736, ITU- I.431 and AT&T Pub 62411 standards.
In T1 mode the Jitter Attenuator Bandwidth is always set to 3Hz. In E1 mode, the bandwidth can be reduced
through the JABW control signal. When JABW is set “High” the bandwidth of the jitter attenuator is reduced
from 10Hz to 1.5Hz. Under this condition the FIFO length is automatically set to 64 bits and the 32 bits FIFO
length will not be available in this mode. Jitter attenuator controls are available on a per channel basis in the
Host mode and on a global basis in the Hardware mode.
GAPPED CLOCK (JA MUST BE ENABLED IN THE TRANSMIT PATH)
The XRT83SL34 LIU is ideal for multiplexer or mapper applications where the network data crosses multiple
timing domains. As the higher data rates are de-multiplexed down to T1 or E1 data, stuffing bits are removed
which can leave gaps in the incoming data stream. If the jitter attenuator is enabled in the transmit path, the
32-Bit or 64-Bit FIFO is used to smooth the gapped clock into a steady T1 or E1 output. The maximum gap
width of the 8-Channel LIU is shown in Table 2.
NOTE: If the LIU is used in a loop timing system, the jitter attenuator should be enabled in the receive path.
TABLE 2: MAXIMUM GAP WIDTH FOR MULTIPLEXER/MAPPER APPLICATIONS
FIFO DEPTH
MAXIMUM GAP WIDTH
32-Bit
20 UI
64-Bit
50 UI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com