Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 79 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 79 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 72Page - Exar Corporation XRT83SL34 Datasheet HTML 73Page - Exar Corporation XRT83SL34 Datasheet HTML 74Page - Exar Corporation XRT83SL34 Datasheet HTML 75Page - Exar Corporation XRT83SL34 Datasheet HTML 76Page - Exar Corporation XRT83SL34 Datasheet HTML 77Page - Exar Corporation XRT83SL34 Datasheet HTML 78Page - Exar Corporation XRT83SL34 Datasheet HTML 79Page - Exar Corporation XRT83SL34 Datasheet HTML 80Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 79 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
76
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT83SL34IV
128 Pin TQFP(14x20x1.4mm)
-40°C to +85°C
PACKAGE DIMENSIONS - 14X20 MM, 128 PIN PACKAGE
e
B
1
38
39
64
65
102
103
128
A
2
A
A
1
α
L
C
E1
E
D
D1
Note: The control dimensions are the millimeter column
MIN
MAX
0.0551
MAX
MIN
0.8740
0.0079
0.0106
0.0571
0.0059
1.60
1.40
0.0630
0.7835
0.8583
0.0035
0.0067
0.0531
0.0020
0.27
1.45
19.90
21.80
0.09
0.17
1.35
0.15
0.05
0.7913
0.0295
0.5551
0.6378
0.0177
0.0197 BSC
0.5472
0.6220
20.10
22.20
0.20
0.50 BSC
14.10
13.90
16.20
15.80
0.75
MILLIMETERS
0.45
0o
7o
0o
7o
SYMBOL
D1
D
C
B
A2
A1
A
INC HES
L
e
E1
E
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com