Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 19 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 19 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 15Page - Exar Corporation XRT83SL34 Datasheet HTML 16Page - Exar Corporation XRT83SL34 Datasheet HTML 17Page - Exar Corporation XRT83SL34 Datasheet HTML 18Page - Exar Corporation XRT83SL34 Datasheet HTML 19Page - Exar Corporation XRT83SL34 Datasheet HTML 20Page - Exar Corporation XRT83SL34 Datasheet HTML 21Page - Exar Corporation XRT83SL34 Datasheet HTML 22Page - Exar Corporation XRT83SL34 Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
16
TERSEL0
TERSEL1
113
112
I
Termination Impedance Select pin 0
Termination Impedance Select pin 1
In the Hardware mode and in the internal termination mode (TXTSEL=”1”
and RXTSEL=”1”), TERSEL[1:0] control the transmit and receive termination
impedance according to the following table.
In the internal termination mode, the receiver termination of each receiver
is realized completely by internal resistors or by the combination of internal
and one fixed external resistor (see description of RXRES[1:0] pins).
In the internal termination mode the transformer ratio of 1:2 and 1:1 is
required for transmitter and receiver respectively with the transmitter output
AC coupled to the transformer.
NOTES:
1.
This pin is internally pulled "Low" with a 50k
Ω resistor.
2.
In Hardware Mode all channels share the same TERSEL control
function.
ICT
120
I
In-Circuit Testing (active "Low"):
When this pin is tied “Low”, all output pins are forced to a “High” impedance
state for in-circuit testing.
Pulling RESET and ICT pins “Low” simultaneously will put the chip in factory
test mode. This condition should not be permitted during normal operation.
NOTE: Internally pulled “High” with a 50k
Ω resistor.
SIGNAL NAME
PIN #TYPE
DESCRIPTION
0
1
1
0
1
1
0
0
100
Ω
110
Ω
75
Ω
120
Ω
Termination
TERSEL1
TERSEL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com