Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 67 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 67 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 63Page - Exar Corporation XRT83SL34 Datasheet HTML 64Page - Exar Corporation XRT83SL34 Datasheet HTML 65Page - Exar Corporation XRT83SL34 Datasheet HTML 66Page - Exar Corporation XRT83SL34 Datasheet HTML 67Page - Exar Corporation XRT83SL34 Datasheet HTML 68Page - Exar Corporation XRT83SL34 Datasheet HTML 69Page - Exar Corporation XRT83SL34 Datasheet HTML 70Page - Exar Corporation XRT83SL34 Datasheet HTML 71Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
64
D3
MCLKRATE
Master clock Rate Select: The state of this bit programs the
Master Clock Synthesizer to generate the T1/J1 or E1 clock.
The Master Clock Synthesizer will generate the E1 clock when
MCLKRATE = “0”, and the T1/J1 clock when MCLKRATE =
“1”.
R/W
0
D2
RXMUTE
Receive Output Mute: Writing a “1” to this bit, mutes receive
outputs at RPOS/RDATA and RNEG/LCV pins to a “0” state for
any channel that detects an RLOS condition.
NOTE: RCLK is not muted.
R/W
0
D1
EXLOS
Extended LOS: Writing a “1” to this bit extends the number of
zeros at the receive input of each channel before RLOS is
declared to 4096 bits. Writing a “0” reverts to the normal mode
(175+75 bits for T1 and 32 bits for E1).
R/W
0
D0
ICT
In-Circuit-Testing: Writing a “1” to this bit configures all the
output pins of the chip in high impedance mode for In-Circuit-
Testing. Setting the ICT bit to “1” is equivalent to connecting
the Hardware ICT pin 88 to ground.
R/W
0
TABLE 37: MICROPROCESSOR REGISTER #66, BIT DESCRIPTION
REGISTER ADDRESS
1000010
NAME
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #
D7
GAUGE1
Wire Gauge Selector Bit 1:
This bit together with bit D6 are used to select wire gauge size
as shown in the table below.
R/W
0
D6
GAUGE0
Wire Gauge Selector Bit 0:
See bit D7.
R/W
0
D5
TXONCNTL
Transmit On Control:
In Host mode, setting this bit to “1” transfers the control of the
Transmit On/Off function to the TXON_n Hardware control
pins.
NOTE: This provides a faster On/Off capability for redundancy
application.
R/W
0
D4
TERCNTL
Termination Control.
In Host mode, setting this bit to “1” transfers the control of the
RXTSEL to the RXTSEL Hardware control pin.
NOTE: This provides a faster On/Off capability for redundancy
application.
R/W
0
TABLE 36: MICROPROCESSOR REGISTER #65, BIT DESCRIPTION
GAUGE1
0
1
1
0
GAUGE0
0
1
0
1
Wire Size
22 and 24 Gauge
26 Gauge
24 Gauge
22 Gauge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com