Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 56 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 56 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 52Page - Exar Corporation XRT83SL34 Datasheet HTML 53Page - Exar Corporation XRT83SL34 Datasheet HTML 54Page - Exar Corporation XRT83SL34 Datasheet HTML 55Page - Exar Corporation XRT83SL34 Datasheet HTML 56Page - Exar Corporation XRT83SL34 Datasheet HTML 57Page - Exar Corporation XRT83SL34 Datasheet HTML 58Page - Exar Corporation XRT83SL34 Datasheet HTML 59Page - Exar Corporation XRT83SL34 Datasheet HTML 60Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
53
TABLE 24: MICROPROCESSOR REGISTER #5, BIT DESCRIPTION
REGISTER ADDRESS
0000101
0010101
0100101
0110101
CHANNEL_n
CHANNEL_0
CHANNEL_1
CHANNEL_2
CHANNEL_3
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #NAME
D7
Reserved
RO
0
D6
DMO_n
Driver Monitor Output: This bit is set to a “1” to indicate
transmit driver failure is detected. The value of this bit is based
on the current status of DMO for the corresponding channel. If
the DMOIE bit is enabled, any transition on this bit will gener-
ate an Interrupt.
RO
0
D5
FLS_n
FiFO Limit Status: This bit is set to a “1” to indicate that the jit-
ter attenuator read/write FIFO pointers are within +/- 3 bits. If
the FLSIE bit is enabled, any transition on this bit will generate
an Interrupt.
RO
0
D4
LCV_n
Line Code Violation: This bit is set to a “1” to indicate that the
receiver of channel n is currently detecting a Line Code Viola-
tion or an excessive number of zeros in the B8ZS or HDB3
modes. If the LCVIE bit is enabled, any transition on this bit will
generate an Interrupt.
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com