Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 52 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 52 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 48Page - Exar Corporation XRT83SL34 Datasheet HTML 49Page - Exar Corporation XRT83SL34 Datasheet HTML 50Page - Exar Corporation XRT83SL34 Datasheet HTML 51Page - Exar Corporation XRT83SL34 Datasheet HTML 52Page - Exar Corporation XRT83SL34 Datasheet HTML 53Page - Exar Corporation XRT83SL34 Datasheet HTML 54Page - Exar Corporation XRT83SL34 Datasheet HTML 55Page - Exar Corporation XRT83SL34 Datasheet HTML 56Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
49
D3
TXON_n
Transmitter ON: Writing a “1” into this bit location turns on the
Transmit Section of channel n. Writing a “0” shuts off the
Transmit Section of channel n. In this mode, TTIP_n and
TRING_n driver outputs will be tri-stated for power reduction or
redundancy applications.
NOTE: This bit provides independent turn-off or turn-on control
for each transmitter channel.
R/W
0
D2
LOOP2_n
Loop-Back control bit 2: This bit together with the LOOP1
and LOOP0 bits control the Loop-Back modes of the chip
according to the following table:
D1
LOOP1_n
Loop-Back control bit 1: See description of bit D2 for the
function of this bit.
R/W
0
D0
LOOP0_n
Loop-Back control bit 0: See description of bit D2 for the
function of this bit.
R/W
0
TABLE 21: MICROPROCESSOR REGISTER #2, BIT DESCRIPTION
LOOP2
0
1
1
1
1
LOOP1
X
0
0
1
1
LOOP0
X
0
1
0
1
Loop-Back Mode
No Loop-Back
Dual Loop-Back
Analog Loop-Back
Remote Loop-Back
Digital Loop-Back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com