Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 2Page - Exar Corporation XRT83SL34 Datasheet HTML 3Page - Exar Corporation XRT83SL34 Datasheet HTML 4Page - Exar Corporation XRT83SL34 Datasheet HTML 5Page - Exar Corporation XRT83SL34 Datasheet HTML 6Page - Exar Corporation XRT83SL34 Datasheet HTML 7Page - Exar Corporation XRT83SL34 Datasheet HTML 8Page - Exar Corporation XRT83SL34 Datasheet HTML 9Page - Exar Corporation XRT83SL34 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
III
TABLE 34: MICROPROCESSOR REGISTER #15, BIT DESCRIPTION .......................................................... 60
TABLE 35: MICROPROCESSOR REGISTER #64, BIT DESCRIPTION .......................................................... 61
CLOCK SELECT REGISTER ........................................................................................... 62
Figure 23. Register 0x81h Sub Registers ...................................................................................... 62
TABLE 36: MICROPROCESSOR REGISTER #65, BIT DESCRIPTION .......................................................... 63
TABLE 37: MICROPROCESSOR REGISTER #66, BIT DESCRIPTION .......................................................... 64
ELECTRICAL CHARACTERISTICS ................................................................................ 66
TABLE 38: ABSOLUTE MAXIMUM RATINGS ........................................................................................... 66
TABLE 39: DC DIGITAL INPUT AND OUTPUT ELECTRICAL CHARACTERISTICS ........................................ 66
TABLE 40: XRT83SL34 POWER CONSUMPTION .................................................................................. 66
TABLE 41: E1 RECEIVER ELECTRICAL CHARACTERISTICS ..................................................................... 67
TABLE 42: T1 RECEIVER ELECTRICAL CHARACTERISTICS ..................................................................... 68
TABLE 43: E1 TRANSMIT RETURN LOSS REQUIREMENT ........................................................................ 68
TABLE 44: E1 TRANSMITTER ELECTRICAL CHARACTERISTICS ............................................................... 69
TABLE 45: T1 TRANSMITTER ELECTRICAL CHARACTERISTICS ............................................................... 69
Figure 24. ITU G.703 Pulse Template ............................................................................................. 70
TABLE 46: TRANSMIT PULSE MASK SPECIFICATION .............................................................................. 70
Figure 25. DSX-1 Pulse Template (normalized amplitude) ........................................................... 71
TABLE 47: DSX1 INTERFACE ISOLATED PULSE MASK AND CORNER POINTS ........................................... 71
TABLE 48: AC ELECTRICAL CHARACTERISTICS .................................................................................... 72
Figure 26. Transmit Clock and Input Data Timing ........................................................................ 72
MICROPROCESSOR INTERFACE I/O TIMING .................................................................................................. 73
Intel Interface Timing - Asynchronous ....................................................................................................... 73
Figure 27. Receive Clock and Output Data Timing ....................................................................... 73
Figure 28. Intel Asynchronous Programmed I/O Interface Timing .............................................. 73
TABLE 49: ASYNCHRONOUS MODE 1 - INTEL 8051 AND 80188 INTERFACE TIMING ............................... 74
Motorola Asychronous Interface Timing .................................................................................................... 75
Figure 29. Motorola 68K Asynchronous Programmed I/O Interface Timing .............................. 75
TABLE 50: ASYNCHRONOUS - MOTOROLA 68K - INTERFACE TIMING SPECIFICATION ............................. 75
Figure 30. Microprocessor Interface Timing - Reset Pulse Width ............................................... 75
ORDERING INFORMATION ............................................................................................. 76
PACKAGE DIMENSIONS - 14X20 MM, 128 PIN PACKAGE ................................................................................ 76
REVISIONS ................................................................................................................................................. 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com