Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 73 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 73 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 69Page - Exar Corporation XRT83SL34 Datasheet HTML 70Page - Exar Corporation XRT83SL34 Datasheet HTML 71Page - Exar Corporation XRT83SL34 Datasheet HTML 72Page - Exar Corporation XRT83SL34 Datasheet HTML 73Page - Exar Corporation XRT83SL34 Datasheet HTML 74Page - Exar Corporation XRT83SL34 Datasheet HTML 75Page - Exar Corporation XRT83SL34 Datasheet HTML 76Page - Exar Corporation XRT83SL34 Datasheet HTML 77Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
70
FIGURE 24. ITU G.703 PULSE TEMPLATE
TABLE 46: TRANSMIT PULSE MASK SPECIFICATION
Test Load Impedance
75
Ω Resistive (Coax)
120
Ω Resistive (twisted Pair)
Nominal Peak Voltage of a Mark
2.37V
3.0V
Peak voltage of a Space (no Mark)
0 + 0.237V
0 + 0.3V
Nominal Pulse width
244ns
244ns
Ratio of Positive and Negative Pulses Imbalance
0.95 to 1.05
0.95 to 1.05
269 ns
(244 + 25)
194 ns
(244 –50)
244 ns
219 ns
(244 – 25)
488 ns
(244 + 244)
0%
50%
V = 100%
Nominal pulse
Note – V corresponds to the nominal peak value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com