Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 69 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 69 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 65Page - Exar Corporation XRT83SL34 Datasheet HTML 66Page - Exar Corporation XRT83SL34 Datasheet HTML 67Page - Exar Corporation XRT83SL34 Datasheet HTML 68Page - Exar Corporation XRT83SL34 Datasheet HTML 69Page - Exar Corporation XRT83SL34 Datasheet HTML 70Page - Exar Corporation XRT83SL34 Datasheet HTML 71Page - Exar Corporation XRT83SL34 Datasheet HTML 72Page - Exar Corporation XRT83SL34 Datasheet HTML 73Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
66
ELECTRICAL CHARACTERISTICS
TABLE 38: ABSOLUTE MAXIMUM RATINGS
Storage Temperature...................-65°C to + 150°C
Operating Temperature.............-40°C to + 85°C
Supply Voltage..........................-0.5V to + 3.8V
VIn.................................................-0.5V to + 5.5V
TABLE 39: DC DIGITAL INPUT AND OUTPUT ELECTRICAL CHARACTERISTICS
VDD=3.3V±5%,
TA=25°C, UNLESS OTHERWISE SPECIFIED
PARAMETER
SYMBOL
MIN.TYP.MAX.UNITS
Power Supply Voltage
VDD
3.13
3.3
3.46
V
Input High Voltage
VIH
2.0
-
5.0
V
Input Low Voltage
VIL
-0.5
-
0.8
V
Output High Voltage @ IOH = 2.0mA
VOH
2.4
-
-
V
Output Low Voltage @IOL = 2mA.
VOL
--
0.4
V
Input Leakage Current (except Input pins
with Pull-up or Pull- down resistor).
IL
--
±10
µA
Input Capacitance
CI
-5.0
-
pF
Output Load Capacitance
CL
-
-
25
pF
TABLE 40: XRT83SL34 POWER CONSUMPTION
VDD=3.3V±5%,
TA=25°C, UNLESS OTHERWISE SPECIFIED
MODE
SUPPLY
VOLTAGE
IMPEDANCE
TERMINATION
RESISTOR
TRANSFORMER RATIO
TYP.MAX.UNIT
TEST
CONDITIONS
RECEIVER TRANSMITTER
E1
3.3V
75
Ω
6.2
Ω
1:1
1:2.45
510
740
mW
mW
50% “1’s”
100% “1’s”
E1
3.3V
75
Ω
9.1
Ω
1:1
1:2
500
625
mW
mW
50% “1’s”
100% “1’s”
E1
3.3V
120
Ω
6.2
Ω
1:1
1:2.45
455
480
mW
mW
50% “1’s”
100% “1’s”
E1
3.3V
120
Ω
9.1
Ω
1:1
1:2
420
440
mW
mW
50% “1’s”
100% “1’s”
T1
3.3V
100
Ω
3
Ω
1:1
1:2.45
720
1050
mW
mW
50% “1’s”
100% “1’s”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com