Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 71 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 71 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 67Page - Exar Corporation XRT83SL34 Datasheet HTML 68Page - Exar Corporation XRT83SL34 Datasheet HTML 69Page - Exar Corporation XRT83SL34 Datasheet HTML 70Page - Exar Corporation XRT83SL34 Datasheet HTML 71Page - Exar Corporation XRT83SL34 Datasheet HTML 72Page - Exar Corporation XRT83SL34 Datasheet HTML 73Page - Exar Corporation XRT83SL34 Datasheet HTML 74Page - Exar Corporation XRT83SL34 Datasheet HTML 75Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
68
TABLE 42: T1 RECEIVER ELECTRICAL CHARACTERISTICS
VDD=3.3V±5%,
TA=-40° TO 85°C, UNLESS OTHERWISE SPECIFIED
PARAMETER
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Receiver loss of signal:
Number of consecutive zeros before
RLOS is set
Input signal level at RLOS
RLOS Clear
160
15
12.5
175
20
-
190
-
-
dB
% ones
Cable attenuation @772kHz
ITU-G.775, ETSI 300 233
Receiver Sensitivity
(Short Haul with cable loss)
12
-
dB
With nominal pulse amplitude of 3.0V
for 100
Ω termination
Receiver Sensitivity
(Long Haul with cable loss)
Normal
Extended
0
0
-
36
45
dB
dB
With nominal pulse amplitude of 3.0V
for 100
Ω termination
Input Impedance
13
-
k
Ω
Jitter Tolerance:
1Hz
10kHz - 100kHz
138
0.4
-
-
-
-
UIpp
AT&T Pub 62411
Recovered Clock Jitter
Transfer Corner Frequency
Peaking Amplitude
-
-
9.8
-
0.1
KHz
dB
TR-TSY-000499
Jitter Attenuator Corner Fre-
quency
(-3dB curve)
-
6
-Hz
AT&T Pub 62411
Return Loss:
51kHz - 102kHz
102kHz - 2048kHz
2048kHz - 3072kHz
-
-
-
20
25
25
-
-
-
dB
dB
dB
TABLE 43: E1 TRANSMIT RETURN LOSS REQUIREMENT
FREQUENCY
RETURN LOSS
G.703/CH-PTT
ETS 300166
51-102kHz
8dB
6dB
102-2048kHz
14dB
8dB
2048-3072kHz
10dB
8dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com