Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 14 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 14 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 10Page - Exar Corporation XRT83SL34 Datasheet HTML 11Page - Exar Corporation XRT83SL34 Datasheet HTML 12Page - Exar Corporation XRT83SL34 Datasheet HTML 13Page - Exar Corporation XRT83SL34 Datasheet HTML 14Page - Exar Corporation XRT83SL34 Datasheet HTML 15Page - Exar Corporation XRT83SL34 Datasheet HTML 16Page - Exar Corporation XRT83SL34 Datasheet HTML 17Page - Exar Corporation XRT83SL34 Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
11
JITTER ATTENUATOR
SIGNAL NAME
PIN #TYPE
DESCRIPTION
JASEL0
JASEL1
A[6]
A[5]
58
57
57
58
I
Jitter Attenuator Select Pins - Hardware Mode
Jitter Attenuator select pin 0
Jitter Attenuator select pin 1
JASEL[1:0] pins are used to place the jitter attenuator in the transmit path,
the receive path or to disable it.
Microprocessor Address Bits A[6:5] -Host Mode
See “Microprocessor Address Pins - Host mode:” on page 10.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
Disabled
Transmit
Receive
Receive
JA Path
JA BW
MHz
T1/E1
32/32
32/32
64/64
FIFO Size
T1
3
3
3
E1
10
10
1.5
0
0
0
0
JASEL1
0
0
1
1
JASEL0
Disabled
Transmit
Receive
Receive
JA Path
JA BW Hz
--------
32/32
32/32
64/64
FIFO Size
-----
3
3
3
-----
10
10
1.5
0
0
1
1
JASEL1
0
1
0
1
JASEL0
T1
E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com