Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34 Datasheet(PDF) 66 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 66 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 62Page - Exar Corporation XRT83SL34 Datasheet HTML 63Page - Exar Corporation XRT83SL34 Datasheet HTML 64Page - Exar Corporation XRT83SL34 Datasheet HTML 65Page - Exar Corporation XRT83SL34 Datasheet HTML 66Page - Exar Corporation XRT83SL34 Datasheet HTML 67Page - Exar Corporation XRT83SL34 Datasheet HTML 68Page - Exar Corporation XRT83SL34 Datasheet HTML 69Page - Exar Corporation XRT83SL34 Datasheet HTML 70Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
63
TABLE 36: MICROPROCESSOR REGISTER #65, BIT DESCRIPTION
REGISTER ADDRESS
1000001
NAME
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #
D7
E1arben
E1 Arbitrary Pulse Enable
This bit is used to enable the Arbitrary Pulse Generators for
shaping the transmit pulse shape when E1 mode is selected.
If this bit is set to "1", all 8 channels will be configured for the
Arbitrary Mode. However, each channel is individually con-
trolled by programming the channel registers 0xn8 through
0xnF, where n is the number of the channel.
"0" = Disabled (Normal E1 Pulse Shape ITU G.703)
"1" = Arbitrary Pulse Enabled
R/W
0
D6
CLKSEL2
Clock Select Inputs for Master Clock Synthesizer bit 2:
In Host mode, CLKSEL[2:0] are input signals to a programma-
ble frequency synthesizer that can be used to generate a mas-
ter clock from an external accurate clock source according to
the following table;
In Hardware mode, the state of these signals are ignored and
the master frequency PLL is controlled by the corresponding
Hardware pins.
R/W
0
D5
CLKSEL1
Clock Select inputs for Master Clock Synthesizer bit 1:
See description of bit D6 for function of this bit.
R/W
0
D4
CLKSEL0
Clock Select inputs for Master Clock Synthesizer bit 0:
See description of bit D6 for function of this bit.
R/W
0
2048
2048
2048
1544
MC LKE1
kH z
8
16
16
56
8
56
64
64
128
256
256
128
2048
2048
1544
1544
M CLKT1
kH z
1544
X
X
X
1544
X
X
X
X
X
X
X
2048
1544
2048
CLKOUT/
kH z
1544
2048
1544
2048
1544
2048
1544
2048
1544
2048
1544
2048
1544
0
0
1
1
CLKSEL0
0
1
1
0
0
0
1
1
0
1
1
0
0
0
0
0
CLKSEL1
1
1
1
0
1
0
0
0
1
1
1
1
0
0
0
0
CLKSEL2
0
0
0
1
0
1
1
1
1
1
1
1
0
1
0
0
0
0
1544
2048
X
X
2048
1544
0
1
0
1
M C LK RATE
1
0
1
0
0
1
0
1
1
0
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com