Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83L30 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT83L30
Description  SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L30 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT83L30 Datasheet HTML 5Page - Exar Corporation XRT83L30 Datasheet HTML 6Page - Exar Corporation XRT83L30 Datasheet HTML 7Page - Exar Corporation XRT83L30 Datasheet HTML 8Page - Exar Corporation XRT83L30 Datasheet HTML 9Page - Exar Corporation XRT83L30 Datasheet HTML 10Page - Exar Corporation XRT83L30 Datasheet HTML 11Page - Exar Corporation XRT83L30 Datasheet HTML 12Page - Exar Corporation XRT83L30 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
áç
áç
áç
áç
XRT83L30
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.3.0
6
TRANSMITTER
SIGNAL NAME
PIN #TYPE
DESCRIPTION
TTIP
8
O
Transmitter Tip Output
Positive differential transmit output to the line.
TRING
10
O
Transmitter Ring Output
Negative differential transmit output to the line.
TPOS
TDATA
61
I
Transmitter Positive Data Input
In dual-rail mode, this signal is the positive-rail input data for the transmitter.
Transmitter Data Input
In single-rail mode, this pin is used as the NRZ input data for the transmitter.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
TNEG
CODES
62
I
Transmitter Negative NRZ Data Input
In dual-rail mode, this signal is the negative-rail input data for the transmitter.
In single-rail mode, this pin can be left unconnected.
Coding Select
In Hardware mode and with single-rail mode selected, connecting this pin
"Low" enables HDB3 in E1 or B8ZS in T1 encoding and decoding. Connect-
ing this pin "High" selects AMI data format.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
TCLK
60
I
Transmitter Clock Input
E1 rate at 2.048MHz ± 50ppm
T1 rate at 1.544MHz ± 32ppm
During normal operation, both in Host mode and Hardware mode, TCLK is
used for sampling input data at TPOS/TDATA and TNEG/CODES while
MCLK is used as the timing reference for the transmit pulse shaping circuit.
TCLKE
57
I
Transmit Clock Edge
In Hardware mode, with this pin set to a "High", transmit input data is sam-
pled at the rising edge of TCLK. With this pin tied "Low", input data are sam-
pled at the falling edge of TCLK.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
TXON
58
I
Transmitter Turn On
In Hardware mode, setting this pin "High" turns on the Transmit Section. In
this mode, when TXON = “0”, TTIP and TRING driver outputs will be tri-
stated.
NOTES:
1. Internally pulled "Low" with a 50k
Ω resistor.
2. In Hardware mode only, the receiver is turned on at power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com