Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83L30 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT83L30
Description  SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L30 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT83L30 Datasheet HTML 17Page - Exar Corporation XRT83L30 Datasheet HTML 18Page - Exar Corporation XRT83L30 Datasheet HTML 19Page - Exar Corporation XRT83L30 Datasheet HTML 20Page - Exar Corporation XRT83L30 Datasheet HTML 21Page - Exar Corporation XRT83L30 Datasheet HTML 22Page - Exar Corporation XRT83L30 Datasheet HTML 23Page - Exar Corporation XRT83L30 Datasheet HTML 24Page - Exar Corporation XRT83L30 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
áç
áç
áç
áç
XRT83L30
ONE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.3.0
18
In Host mode the programming is achieved through the corresponding interface control bits, the state of the
CLKSEL[2:0] control bits and the state of the MCLKRATE interface control bit.
RECEIVER
RECEIVER INPUT
At the receiver input, a cable attenuated AMI signal can be coupled to the receiver through a capacitor or a 1:1
transformer. The input signal is first applied to a selective equalizer for signal conditioning. The maximum
equalizer gain is up to 36dB for T1 and 43dB for E1 modes. The equalized signal is subsequently applied to a
peak detector which in turn controls the equalizer settings and the data slicer. The slicer threshold for both E1
and T1 is typically set at 50% of the peak amplitude at the equalizer output. After the slicers, the digital
representation of the AMI signals are applied to the clock and data recovery circuit. The recovered data
subsequently goes through the jitter attenuator and decoder (if selected) for HDB3 or B8ZS decoding before
being applied to the RPOS/RDATA and RNEG/LCV pins. Clock recovery is accomplished by a digital phase-
locked loop (DPLL) which does not require any external components and can tolerate high levels of input jitter
that meets or exceeds the ITU-G.823 and TR-TSY000499 standards.
In Hardware mode only, this receive channel is turned on upon power-up and is always on. In Host mode, the
receiver can be turned on or off with the RXON bit. See “Microprocessor Register #2 bit description” on
page 48.
TABLE 1: MASTER CLOCK GENERATOR
MCLKE1
K
HZ
MCLKT1
K
HZ
CLKSEL2
CLKSEL1
CLKSEL0
MCLKRATE
MASTER CLOCK
K
HZ
2048
2048
0
0
0
0
2048
2048
2048
0
0
0
1
1544
2048
1544
0
0
0
0
2048
1544
1544
0
0
1
1
1544
1544
1544
0
0
1
0
2048
2048
1544
0
0
1
1
1544
8
x
01
00
2048
8
x
01
01
1544
16
x
0
1
1
0
2048
16
x
0
1
1
1
1544
56
x
1
0
0
0
2048
56
x
1
0
0
1
1544
64
x
1
0
1
0
2048
64
x
1
0
1
1
1544
128
x
11
00
2048
128
x
11
01
1544
256
x
11
10
2048
256
x
11
11
1544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com