Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL28 Datasheet (PDF) - Exar Corporation

XRT83SL28 Datasheet PDF - Exar Corporation
Part # XRT83SL28
Download  XRT83SL28 Download
File Size   917.03 Kbytes
Page   47 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT

XRT83SL28 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT83SL28 Datasheet PDF - Exar Corporation

Part # XRT83SL28
Download  XRT83SL28 Click to download

File Size   917.03 Kbytes
Page   47 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT

XRT83SL28 Datasheet (HTML) - Exar Corporation


XRT83SL28 Product details

GENERAL DESCRIPTION
The XRT83SL28 is a fully integrated 8-channel E1 short-haul LIU which optimizes system cost and performance by offering key design features. The XRT83SL28 operates from a single 3.3V power supply. The LIU features are programmed through a standard serial microprocessor interface or hardware control. EXAR’s LIU has patented high impedance circuits that allow the transmitter outputs and receiver inputs to be high impedance when experiencing a power failure or when the LIU is powered off. Key design features within the LIU optimize 1:1 or 1+1 redundancy and non-intrusive monitoring applications to ensure reliability without using relays.
Additional features include TAOS for transmit and receive, RLOS, LCV, AIS, DMO, and diagnostic loopback modes.

FEATURES
• Fully integrated 8-Channel short haul transceivers for E1 (2.048MHz) applications.
• Internal Impedance matching on both receive and transmit for 75Ω (E1) or 120Ω (E1) applications.
• Tri-State on a per channel basis for the transmit selection.
• On-Chip transmit short-circuit protection and limiting protects line drivers from damage on a per channel basis.
• Independent Crystal-Less digital jitter attenuators (JA) with 32-Bit or 64-Bit FIFO for the receive or transmit paths
• Driver failure monitor output (DMO) alerts of possible system or external component problems.
• Transmit outputs and receive inputs may be "High" impedance for protection or redundancy applications on a per channel basis.
• Support for automatic protection switching.
• 1:1 and 1+1 protection without relays.
• RLOS/AIS according to ITU-T G.775 or ETSI-300-233.
• On-Chip HDB3 encoder/decoder for each channel.
• On-Chip digital clock recovery circuit for high input jitter tolerance.
• Line code error and bipolar violation detection.
• Transmit all ones (TAOS) for the Transmit and Receive Outputs.
• Supports local analog, remote, and digital loopback modes.
• Supports gapped clocks for mapper/multiplexer applications.
• Low Power dissipation
• Single 3.3V supply operation (3V to 5V I/O tolerant).
• 144-Pin TQFP package
• -40°C to +85°C Temperature Range

APPLICATIONS
• ISDN Primary Rate Interface
• CSU/DSU E1 Interface
• E1 LAN/WAN Routers
• Public Switching Systems and PBX Interfaces
• E1 Multiplexer and Channel Banks
• Integrated Multi-Service Access Platforms (IMAPs)
• Integrated Access Devices (IADs)
• Inverse Multiplexing for ATM (IMA) Wireless Base Stations




Similar Part No. - XRT83SL28

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL216 EXAR-XRT83SL216 Datasheet
940Kb / 41P
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216 Datasheet
871Kb / 42P
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216IB EXAR-XRT83SL216IB Datasheet
940Kb / 41P
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216IB EXAR-XRT83SL216IB Datasheet
871Kb / 42P
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
More results


Similar Description - XRT83SL28

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SH38 EXAR-XRT83SH38 Datasheet
1Mb / 77P
8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SH38_0609 EXAR-XRT83SH38_0609 Datasheet
1Mb / 78P
8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH28 EXAR-XRT83VSH28 Datasheet
1Mb / 74P
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82P20516 IDT-IDT82P20516 Datasheet
1Mb / 115P
16-Channel Short Haul E1 Line Interface Unit
logo
Renesas Technology Corp
IDT82P20516 RENESAS-IDT82P20516 Datasheet
1Mb / 116P
16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
IDT82V2052E RENESAS-IDT82V2052E Datasheet
887Kb / 71P
DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 12, 2005
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com