Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT16240ADL Datasheet (PDF) - NXP Semiconductors

BT16240ADL Datasheet PDF - NXP Semiconductors
Part # BT16240ADL
Download  BT16240ADL Download
File Size   76.09 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit inverting buffer/driver 3-State

BT16240ADL Datasheet (PDF)

Go To PDF Page Download Datasheet
BT16240ADL Datasheet PDF - NXP Semiconductors

Part # BT16240ADL
Download  BT16240ADL Click to download

File Size   76.09 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit inverting buffer/driver 3-State

BT16240ADL Datasheet (HTML) - NXP Semiconductors


BT16240ADL Product details

DESCRIPTION
The 74ABT16240A is a high-performance BiCMOS device which combines low static and dynamic power dissipation with high speed and high output drive.
   
FEATURES
• 16-bit bus interface
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
    resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up 3-State
• 74ABTH16240A incorporates bus hold data inputs which eliminate
    the need for external pull up resistors to hold unused inputs
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
    and 200V per Machine Model
   




Similar Part No. - BT16240ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT16241ADGG PHILIPS-BT16241ADGG Datasheet
74Kb / 10P
16-bit buffer/driver 3-State
1998 Feb 25
BT16241ADL PHILIPS-BT16241ADL Datasheet
74Kb / 10P
16-bit buffer/driver 3-State
1998 Feb 25
BT16244ADGG PHILIPS-BT16244ADGG Datasheet
75Kb / 10P
16-bit buffer/line driver 3-State
1998 Oct 07
BT16244ADL PHILIPS-BT16244ADL Datasheet
75Kb / 10P
16-bit buffer/line driver 3-State
1998 Oct 07
BT16245BDGG PHILIPS-BT16245BDGG Datasheet
80Kb / 11P
16-bit bus transceiver 3-state
1998 Feb 25
More results


Similar Description - BT16240ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
16-bit buffer/line driver; inverting 3-State
1997 Jul 29
74LVT16240A PHILIPS-74LVT16240A Datasheet
81Kb / 10P
3.3V LVT 16-bit inverting buffer/driver 3-State
1998 Feb 19
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
16-bit inverting buffer/line driver 3-State
August 23, 1993
logo
Fairchild Semiconductor
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
NXP Semiconductors
74ALVT16240 PHILIPS-74ALVT16240 Datasheet
95Kb / 16P
16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A Datasheet
513Kb / 6P
16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
NXP Semiconductors
74ABT16240A NXP-74ABT16240A Datasheet
90Kb / 14P
16-bit inverting buffer/line driver; 3-state
Rev. 04-25 March 2009
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A_14 Datasheet
1Mb / 5P
16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
74ABT16240A NEXPERIA-74ABT16240A Datasheet
211Kb / 11P
16-bit inverting buffer/line driver; 3-state
Rev. 7 - 7 July 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com