Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2240 Datasheet (PDF) - NXP Semiconductors

MB2240 Datasheet PDF - NXP Semiconductors
Part # MB2240
Download  MB2240 Download
File Size   58.55 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit inverting buffer/line driver 3-State

MB2240 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB2240 Datasheet PDF - NXP Semiconductors

Part # MB2240
Download  MB2240 Click to download

File Size   58.55 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit inverting buffer/line driver 3-State

MB2240 Datasheet (HTML) - NXP Semiconductors


MB2240 Product details

DESCRIPTION
The MB2240 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.

FEATURES
• 16-bit bus interface
• Multiple VCC and GND pins minimize switching noise
• 3-State buffers
• Live insertion/extraction permitted
• Output capability: +64 mA/–32mA
• Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015 and 200 V per Machine Model
• Power-up 3-State




Similar Part No. - MB2240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB224 ETC-MB224 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
NXP Semiconductors
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
16-bit buffer/line driver 3-State
1998 Jan 16
MB2241BB PHILIPS-MB2241BB Datasheet
82Kb / 12P
16-bit buffer/line driver 3-State
1998 Jan 16
MB2244 PHILIPS-MB2244 Datasheet
72Kb / 12P
16-bit buffer/line driver 3-State
1998 Jan 16
MB2244BB PHILIPS-MB2244BB Datasheet
72Kb / 12P
16-bit buffer/line driver 3-State
1998 Jan 16
More results


Similar Description - MB2240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
16-bit inverting buffer/driver 3-State
1998 Feb 25
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
16-bit buffer/line driver; inverting 3-State
1997 Jul 29
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540 FAIRCHILD-74ACT16540 Datasheet
78Kb / 7P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
NXP Semiconductors
74ALVT16240 PHILIPS-74ALVT16240 Datasheet
95Kb / 16P
16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240_05 Datasheet
83Kb / 6P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
NXP Semiconductors
74ABT16240A NXP-74ABT16240A Datasheet
90Kb / 14P
16-bit inverting buffer/line driver; 3-state
Rev. 04-25 March 2009
logo
Texas Instruments
74ACT16540 TI1-74ACT16540_10 Datasheet
112Kb / 6P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74ABT16240A NEXPERIA-74ABT16240A Datasheet
211Kb / 11P
16-bit inverting buffer/line driver; 3-state
Rev. 7 - 7 July 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com