Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2240 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MB2240
Description  16-bit inverting buffer/line driver 3-State
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2240 Datasheet(HTML) 2 Page - NXP Semiconductors

  MB2240 Datasheet HTML 1Page - NXP Semiconductors MB2240 Datasheet HTML 2Page - NXP Semiconductors MB2240 Datasheet HTML 3Page - NXP Semiconductors MB2240 Datasheet HTML 4Page - NXP Semiconductors MB2240 Datasheet HTML 5Page - NXP Semiconductors MB2240 Datasheet HTML 6Page - NXP Semiconductors MB2240 Datasheet HTML 7Page - NXP Semiconductors MB2240 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2240
16-bit inverting buffer/line driver (3-State)
August 23, 1993
2
FUNCTION TABLE
INPUTS
OUTPUTS
nOE
nAx
nYx
L
L
H
L
H
L
H
X
Z
LOGIC SYMBOL (IEEE/IEC)
47
44
48
43
49
41
51
40
52
45
38
2
37
3
35
5
34
6
EN1
EN2
21
32
8
31
9
29
11
28
12
19
26
14
25
15
23
17
22
18
1
EN4
4
3
EN3
2
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
44, 43, 41, 40,
38, 37, 35, 34,
32, 31, 29, 28,
26, 25, 23, 22
1A0 – 1A3,
2A0 – 2A3,
3A0 – 3A3,
4A0 – 4A3
Data inputs
14, 15, 17, 18,
8, 9, 11, 12,
2, 3, 5, 6,
48, 49, 51, 52
4Y0 – 4Y3,
3Y0 – 3Y3,
2Y0 – 2Y3,
1Y0 – 1Y3
Data outputs
47, 45, 21, 19
1OE, 2OE,
3OE, 4OE
Output enables
4, 7, 10, 16,
20, 24, 30, 33,
36, 42, 46, 50
GND
Ground (0V)
1, 13, 27, 39
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com