Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2240 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MB2240
Description  16-bit inverting buffer/line driver 3-State
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2240 Datasheet(HTML) 1 Page - NXP Semiconductors

  MB2240 Datasheet HTML 1Page - NXP Semiconductors MB2240 Datasheet HTML 2Page - NXP Semiconductors MB2240 Datasheet HTML 3Page - NXP Semiconductors MB2240 Datasheet HTML 4Page - NXP Semiconductors MB2240 Datasheet HTML 5Page - NXP Semiconductors MB2240 Datasheet HTML 6Page - NXP Semiconductors MB2240 Datasheet HTML 7Page - NXP Semiconductors MB2240 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2240
16-bit inverting buffer/line driver (3-State)
1
August 23, 1993
853–1624 10582
FEATURES
• 16-bit bus interface
• Multiple V
CC and GND pins minimize
switching noise
• 3-State buffers
• Live insertion/extraction permitted
• Output capability: +64 mA/–32mA
• Latch-up protection exceeds 500mA
per Jedec JC40.2 Std 17
• ESD protection exceeds 2000 V per
MIL STD 883 Method 3015 and
200 V per Machine Model
• Power-up 3-State
DESCRIPTION
The MB2240 high-performance BiC-
MOS device combines low static and
dynamic power dissipation with high
speed and high output drive.
The MB2240 device is an inverting
16-bit buffer that is ideal for driving bus
lines. The device features four Output
Enables (1OE, 2OE, 3OE, 4OE), each
controlling four of the 3-State outputs.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nYx
CL = 50pF; VCC = 5V
3.2
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
VO = 0V or VCC 3-State
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
65
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
52-pin plastic QFP
–40
°C to +85°C
MB2240BB
1418B
PIN CONFIGURATION
1OE
47
1A0
44
1A1
43
1A2
41
1A3
40
2OE
45
2A0
38
2A1
48
37
2A2
35
49
2A3
34
51
52
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
2
3
5
6
LOGIC SYMBOL
3OE
21
3A0
32
3A1
31
3A2
29
3A3
28
4OE
19
4A0
26
4A1
8
25
4A2
23
9
4A3
22
11
12
3Y0
3Y1
3Y2
3Y3
4Y0
4Y1
4Y2
4Y3
14
15
17
18
19
22
20
23
17
16
25
26
24
15
14
21
18
2Y3
3Y1
GND
GND
GND
2Y1
3Y3
VCC
3Y2
2Y0
3Y0
2Y2
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
47
44
46
43
49
50
41 40
42
51
52
45
48
2A3
3A1
GND
GND
GND
2A1
3A3
VCC
3A2
2A0
3A0
2A2
VCC
39
38
37
36
35
34
33
32
31
30
29
28
27
MB2240
52-pin PQFP


Similar Part No. - MB2240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB224 ETC-MB224 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
NXP Semiconductors
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
16-bit buffer/line driver 3-State
1998 Jan 16
MB2241BB PHILIPS-MB2241BB Datasheet
82Kb / 12P
16-bit buffer/line driver 3-State
1998 Jan 16
MB2244 PHILIPS-MB2244 Datasheet
72Kb / 12P
16-bit buffer/line driver 3-State
1998 Jan 16
MB2244BB PHILIPS-MB2244BB Datasheet
72Kb / 12P
16-bit buffer/line driver 3-State
1998 Jan 16
More results

Similar Description - MB2240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
16-bit inverting buffer/driver 3-State
1998 Feb 25
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
16-bit buffer/line driver; inverting 3-State
1997 Jul 29
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540 FAIRCHILD-74ACT16540 Datasheet
78Kb / 7P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
NXP Semiconductors
74ALVT16240 PHILIPS-74ALVT16240 Datasheet
95Kb / 16P
16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240_05 Datasheet
83Kb / 6P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
NXP Semiconductors
74ABT16240A NXP-74ABT16240A Datasheet
90Kb / 14P
16-bit inverting buffer/line driver; 3-state
Rev. 04-25 March 2009
logo
Texas Instruments
74ACT16540 TI1-74ACT16540_10 Datasheet
112Kb / 6P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74ABT16240A NEXPERIA-74ABT16240A Datasheet
211Kb / 11P
16-bit inverting buffer/line driver; 3-state
Rev. 7 - 7 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com