Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G569CS8U Datasheet (PDF) - Global Mixed-mode Technology Inc

G569CS8U Datasheet PDF - Global Mixed-mode Technology Inc
Part # G569CS8U
Download  G569CS8U Download
File Size   178.78 Kbytes
Page   11 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description CD-RW Laser Diode Current Driver

G569CS8U Datasheet (PDF)

Go To PDF Page Download Datasheet
G569CS8U Datasheet PDF - Global Mixed-mode Technology Inc

Part # G569CS8U
Download  G569CS8U Click to download

File Size   178.78 Kbytes
Page   11 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description CD-RW Laser Diode Current Driver

G569CS8U Datasheet (HTML) - Global Mixed-mode Technology Inc


G569CS8U Product details

General Description
The G569C is a single chip solution for the various functions relating to laser diode operation in a CD-RW drive. The G569C integrates nine functional blocks in one chip. It has five voltage-to-current converters, one current-to-voltage converters which is called FSA, one OP-AMP, one eight-channels D/A converter, and one voltage subtracter with output clamping capability called Dalpha.

Features
■ Single +5V supply
■ Laser diode read current driver
■ Laser diode write current driver
■ Laser diode Erase current driver
■ Deltap circuit to control write current
■ FSA circuit to integrate photo diode current
■ Cagain circuit to convert Vcagain into current
■ Dalpha circuit to perform voltage subtraction and limiting
■ 3-wire interface to control internal DAC
■ A build-in OP-AMP
■ 48-pin SSOP package

Applications
■ CD-RW Drive




Similar Part No. - G569CS8U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5691 GMT-G5691 Datasheet
79Kb / 1P
1.5MHz, 1A High Efficiency Buck Converter
G5692 GMT-G5692 Datasheet
90Kb / 1P
1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
G5695 GMT-G5695 Datasheet
79Kb / 1P
1.4MHz 1A Synchronous Step-Down Regulator
G5698 GMT-G5698 Datasheet
71Kb / 1P
1.2MHz, 1.2A Synchronous Step-Down Regulator
G5699 GMT-G5699 Datasheet
100Kb / 1P
Dual 1.4MHz, 1A Synchronous Step-Down Regulator
More results


Similar Description - G569CS8U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA1027 PHILIPS-TZA1027 Datasheet
87Kb / 16P
Analog current buffer for CD-R and CD-RW systems
1999 Sep 17
logo
Rohm
BD6665FM ROHM-BD6665FM Datasheet
218Kb / 2P
Spindle motor driver IC for CD-ROM/RW
logo
Sony Corporation
CXA2598M SONY-CXA2598M Datasheet
71Kb / 8P
PDIC for CD-R/RW
logo
Maxim Integrated Produc...
MAX9483 MAXIM-MAX9483 Datasheet
650Kb / 15P
Dual-Output, Multimode CD-RW/DVD Laser-Diode Drivers
Rev 0; 5/04
logo
Rohm
BD6670FM ROHM-BD6670FM Datasheet
172Kb / 17P
3Phase spindle motor driver for CD-RW
logo
Roithner LaserTechnik G...
ADL-78901TL ROITHNER-ADL-78901TL Datasheet
347Kb / 2P
Virtual keyboard CD R/RW
ADL-78901TX ROITHNER-ADL-78901TX Datasheet
112Kb / 1P
Virtual keyboard CD R/RW
logo
List of Unclassifed Man...
43148 ETC2-43148 Datasheet
38Kb / 1P
CD-R/RW Media
logo
Rohm
RLD78MYA1 ROHM-RLD78MYA1 Datasheet
74Kb / 3P
CD players, CD-ROM laser diode
logo
ON Semiconductor
LV8282PV ONSEMI-LV8282PV Datasheet
195Kb / 14P
CD/DVD-ROM/RW 4.5ch Driver
April, 2018 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com