Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G569CS8U Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G569CS8U
Description  CD-RW Laser Diode Current Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G569CS8U Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G569CS8U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G569CS8U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G569CS8U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G569CS8U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G569CS8U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G569CS8U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G569CS8U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G569CS8U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G569CS8U Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Ver: 1.0
Oct 02, 2000
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G569C
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
VCC to GND…………………………….……..-0.3V to +6V
Dalpha to GND………………………………....-3V to +6V
All other pin to GND…………………………-0.3V to +6V
ESD protetion (human body model)………………2000V
Continuous power dissipation (TA=70°C),
derate .7mW/°C about 70°C)…………….……… 695mW
Operating Temperature Range…….…-10°C to +100°C
Junction Temperature……………………...…….+150°C
Storage temperature Range…….…….-65°C to +165°C
Reflow Temperature (soldering, 10sec)………..+260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Supply voltage
VDD
4.75
5
5.5
V
High-level input voltage
VIH
2
V
Low-level input voltage
VIL
0.8
V
Operating free-air temperature
TA
0
70
°C
Electrical Characteristics (V
CC = 5V, TA = 0°C to +70°C, unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply voltage range
4.75
5.0
5.5
V
PWO output voltage
0
VS2V9
V
Dalpha input voltage
-3.0
3.5
V
PWO_I input voltage
0
1.5
V
PWB output voltage
0
VS2V9
V
PWMAX output voltage
0
VS2V9
V
PWMIN output voltage
0
VS2V9
V
IE output current
0
130
mA
S2V9 input voltage
VS2V9
2.9
V
Cagain output current
0
1.2
mA
PRFine output voltage
0
VS2V9
V
PRCoarse output voltage
0
VS2V9
V
IR output current
0
160
mA
PR_I input voltage
0
2.16
V
FSR output voltage
0
3.0
V
FSW output voltage
0
3.0
V
VI- input voltage
0
3.5
V
VI+ input voltage
0
3.5
V
IW output current
0
160
mA
Operation current
41
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com