Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA-HT3070T-R15H0AE Datasheet (PDF) - Advantech Co., Ltd.

WA-HT3070T-R15H0AE Datasheet PDF - Advantech Co., Ltd.
Part # WA-HT3070T-R15H0AE
Download  WA-HT3070T-R15H0AE Download
File Size   517.73 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 7" WVGA Operator Panel with ARM® Cortex™-A8 RISC Processor and Wide Operating Temperature

WA-HT3070T-R15H0AE Datasheet (PDF)

Go To PDF Page Download Datasheet
WA-HT3070T-R15H0AE Datasheet PDF - Advantech Co., Ltd.

Part # WA-HT3070T-R15H0AE
Download  WA-HT3070T-R15H0AE Click to download

File Size   517.73 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 7" WVGA Operator Panel with ARM® Cortex™-A8 RISC Processor and Wide Operating Temperature

WA-HT3070T-R15H0AE Datasheet (HTML) - Advantech Co., Ltd.


WA-HT3070T-R15H0AE Product details

Features
ƒƒ ARM® Cortex™-A8 32-bit, 600 MHz, RISC processor
ƒƒ Available with a variety of LCD sizes (7/10.1/12")
ƒƒ TFT LCD with 50K lifetime and LED backlight
ƒƒ Embedded Microsoft® WinCE 6.0 OS
ƒƒ Supports Advantech’s WebOP Designer HMI Runtime development tool
ƒƒ 128 KB (64 words) Backup memory FRAM without battery concerns
ƒƒ Isolation protection for power and terminal I/O ports
ƒƒ Wide operating temperature range -20 ~ 60 °C (-4 ~ 140 °F)
ƒƒ Supports the CANopen library defined by the CiA 301 V4.02 specification
ƒƒ RS-422, RS-485, CAN terminal I/O ports support terminating resistor value
of 120Ω
ƒƒ IP66-rated front panel
ƒƒ Die cast aluminum alloy front bezel
ƒƒ Level 4 ESD protection (Air: 15KV/Contact: 8KV)
ƒƒ UL 508 certification for industrial control equipment




Similar Part No. - WA-HT3070T-R15H0AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WA-HT3070T-R15H0AE ADVANTECH-WA-HT3070T-R15H0AE Datasheet
299Kb / 2P
6.5 ~ 21.5 TFT LCD Windows-Based Touch Panel HMI with WebAccess/HMI Runtime
9-Mar-2018
WA-HT3070T-R15H0AE ADVANTECH-WA-HT3070T-R15H0AE Datasheet
510Kb / 2P
7" WVGA Operator Panel with ARM® Cortex™-A8 RISC Processor and Wide Operating Temperature
27-Jun-2018
WA-HT3070T-R15H0AE ADVANTECH-WA-HT3070T-R15H0AE Datasheet
298Kb / 2P
6.5" ~ 21.5" TFT LCD Windows-Based Touch Panel HMI with WebAccess/HMI Runtime
9-Mar-2018
WA-HT3070T-R15H0AE ADVANTECH-WA-HT3070T-R15H0AE Datasheet
361Kb / 2P
6.5"~21.5" TFT LCD Windows-based Thin Client Terminal with WebAccess/HMI Runtime
3-Feb-2016
More results


Similar Description - WA-HT3070T-R15H0AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WOP-3070T-C4AE ADVANTECH-WOP-3070T-C4AE Datasheet
478Kb / 2P
7" WVGA Cortex??- A8 Operator Panel with Wide Operating Temperature Range
WOP-3100T-C4AE ADVANTECH-WOP-3100T-C4AE Datasheet
449Kb / 2P
10.1" WSVGA Cortex??- A8 Operator Panel with Wide Operating Temperature Range
WOP-3120T-C4AE ADVANTECH-WOP-3120T-C4AE Datasheet
463Kb / 2P
12" XGA Cortex??- A8 Operator Panel with Wide Operating Temperature Range
logo
Beckhoff Automation Gmb...
CP26XX-0000 BECKHOFF-CP26XX-0000 Datasheet
156Kb / 3P
Panel PC with ARM Cortex??A8
logo
Advantech Co., Ltd.
TPC-71W ADVANTECH-TPC-71W Datasheet
504Kb / 2P
7 Touch Panel Computer with ARM Cortex??A9 Processor
5-Jan-2021
RSB-4220_V101 ADVANTECH-RSB-4220_V101 Datasheet
819Kb / 2P
TI Sitara™ ARM® AM3352 Cortex®-A8 3.5" SBC
13-Jan-2017
UBC-330 ADVANTECH-UBC-330 Datasheet
2Mb / 4P
TI Sitara™ AM3352 Cortex®-A8 RISC Computing Box
7-Jul-2021
WEDOP-3070T ADVANTECH-WEDOP-3070T Datasheet
510Kb / 2P
7" WVGA Operator Panel with ARM® Cortex™-A8 RISC Processor and Wide Operating Temperature
27-Jun-2018
logo
AAEON Technology
SRG-3352 AAEON-SRG-3352 Datasheet
482Kb / 2P
Standard IoT Gateway System With Onboard ARM Cortex-A8 800 MHz RISC Processor
2022/10/21
SRG-3352C AAEON-SRG-3352C Datasheet
608Kb / 2P
Standard IoT Gateway System With Onboard ARM Cortex-A8 800 MHz RISC Processor
2022/10/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com