Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA-HT3070T-R15H0AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # WA-HT3070T-R15H0AE
Description  7" WVGA Operator Panel with ARM® Cortex™-A8 RISC Processor and Wide Operating Temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

WA-HT3070T-R15H0AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  WA-HT3070T-R15H0AE Datasheet HTML 1Page - Advantech Co., Ltd. WA-HT3070T-R15H0AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Operator Panels
Features
WebOP-3070T
Specifications
General
ƒ
Certification
CE, BSMI, CCC, UL, FCC Class A
ƒ
Dimensions (W x H x D) 203.4 x 150 x 43.7 mm (8.01 x 5.91 x 1.72 in)
ƒ
Cutout Dimensions
192 x 138.5 mm (7.56 x 5.45 in)
ƒ
OS Support
Microsoft® Windows CE 6.0
ƒ
Power Input
24VDC ±10%
ƒ
Power Consumption
7W (Typical)
ƒ
Enclosure Housing
PC + ABS
ƒ
Mounting
Panel
ƒ
Weight (Net)
1 kg (2.20 lbs)
System Hardware
ƒ
CPU
ARM® Cortex™-A8 32-bit, 600 MHz, RISC processor
ƒ
Backup Memory
FRAM 128KB
ƒ
Memory
DDR2 256MB on board
ƒ
Storage
512MB on board SLC type
ƒ
Power-On LED
Yes
Communication Interface
ƒ
COM1
RS-232/422/485 (DB9 Male)
ƒ
COM2
RS-422/485 (Terminal Plug 4-Pin)
ƒ
COM3
RS-485 (Terminal Plug 2-Pin)
ƒ
CAN
Terminal Plug 2-Pin
ƒ
Ethernet (RJ45)
10/100BASE-T
ƒ
I/Os
1 x USB 2.0 (Client)
1 x USB 2.0 (Host)
1 x micro SD slot
1 x Audio line out, 1 x mic in
LCD Display
ƒ
Display Type
WVGA TFT LCD
ƒ
Display Size
7"
ƒ
Max. Resolution
800 x 480
ƒ
Max. Colors
64K
ƒ
Luminance (cd/m2)
500
ƒ
Viewing Angle (H/V)
140/120
ƒ
Backlight Life
LED, 50,000 hr
ƒ
Dimming
Adjustable by touch panel
ƒ
Contrast Ratio
700:1
Touchscreen
ƒ
Lifespan
36 million touches of 8 mm in diameter through
silicone rubber with at least 250 g load
ƒ
Light
Transmission above 80%
ƒ
Resolution
Linearity
ƒ
Type
5-wire, analog resistive
Environment
ƒ
Operating Temperature -20 ~ 60 °C (-4 ~ 140 °F)
ƒ
Storage Temperature
-30 ~ 70 °C (-22 ~ 158 °F)
ƒ
Humidity
10 ~ 90% RH @ 40 °C, non-condensing
ƒ
Ingress Protection
Front panel: IP66
ƒ
Vibration Protection
Operating, random vibration 1 Grms (5 ~ 500 Hz)
ƒ ARM® Cortex™-A8 32-bit, 600 MHz, RISC processor
ƒ Available with a variety of LCD sizes (7/10.1/12")
ƒ TFT LCD with 50K lifetime and LED backlight
ƒ Embedded Microsoft® WinCE 6.0 OS
ƒ Supports Advantech’s WebOP Designer HMI Runtime development tool
ƒ 128 KB (64 words) Backup memory FRAM without battery concerns
ƒ Isolation protection for power and terminal I/O ports
ƒ Wide operating temperature range -20 ~ 60 °C (-4 ~ 140 °F)
ƒ Supports the CANopen library defined by the CiA 301 V4.02 specification
ƒ RS-422, RS-485, CAN terminal I/O ports support terminating resistor value
of 120
Ω
ƒ IP66-rated front panel
ƒ Die cast aluminum alloy front bezel
ƒ Level 4 ESD protection (Air: 15KV/Contact: 8KV)
ƒ UL 508 certification for industrial control equipment
7" WVGA Operator Panel with ARM®
Cortex™-A8 RISC Processor and Wide
Operating Temperature
Introduction
The WebOP-3070T operator panel is powered by an ARM® Cortex™-A8 32-bit, 600 MHz, RISC processor that consumes minimal power without sacrificing performance and satisfies
the stringent standards set for the automation market. Additionally, the WebOP-3070T system can be equipped with a variety of LCD sizes, ranging from 7 to 12", for diverse applications
that involve PLCs, motion/thermal controllers, inverters, and sensors. Furthermore, the WebOP-3070T system supports a wide operating temperature range (-20 ~ 60 °C/-4 ~ 140
°F) to ensure reliable operation in harsh industrial environments.
Base View
Ethernet
USB Client
COM1 (RS-232/422/485)
Micro SD Slot
All product specifications are subject to change without notice.
Last updated: 27-Jun-2018


Similar Part No. - WA-HT3070T-R15H0AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WA-HT3070T-R15H0AE ADVANTECH-WA-HT3070T-R15H0AE Datasheet
299Kb / 2P
6.5 ~ 21.5 TFT LCD Windows-Based Touch Panel HMI with WebAccess/HMI Runtime
9-Mar-2018
WA-HT3070T-R15H0AE ADVANTECH-WA-HT3070T-R15H0AE Datasheet
510Kb / 2P
7" WVGA Operator Panel with ARM® Cortex™-A8 RISC Processor and Wide Operating Temperature
27-Jun-2018
WA-HT3070T-R15H0AE ADVANTECH-WA-HT3070T-R15H0AE Datasheet
298Kb / 2P
6.5" ~ 21.5" TFT LCD Windows-Based Touch Panel HMI with WebAccess/HMI Runtime
9-Mar-2018
WA-HT3070T-R15H0AE ADVANTECH-WA-HT3070T-R15H0AE Datasheet
361Kb / 2P
6.5"~21.5" TFT LCD Windows-based Thin Client Terminal with WebAccess/HMI Runtime
3-Feb-2016
More results

Similar Description - WA-HT3070T-R15H0AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WOP-3070T-C4AE ADVANTECH-WOP-3070T-C4AE Datasheet
478Kb / 2P
7" WVGA Cortex??- A8 Operator Panel with Wide Operating Temperature Range
WOP-3100T-C4AE ADVANTECH-WOP-3100T-C4AE Datasheet
449Kb / 2P
10.1" WSVGA Cortex??- A8 Operator Panel with Wide Operating Temperature Range
WOP-3120T-C4AE ADVANTECH-WOP-3120T-C4AE Datasheet
463Kb / 2P
12" XGA Cortex??- A8 Operator Panel with Wide Operating Temperature Range
logo
Beckhoff Automation Gmb...
CP26XX-0000 BECKHOFF-CP26XX-0000 Datasheet
156Kb / 3P
Panel PC with ARM Cortex??A8
logo
Advantech Co., Ltd.
TPC-71W ADVANTECH-TPC-71W Datasheet
504Kb / 2P
7 Touch Panel Computer with ARM Cortex??A9 Processor
5-Jan-2021
RSB-4220_V101 ADVANTECH-RSB-4220_V101 Datasheet
819Kb / 2P
TI Sitara™ ARM® AM3352 Cortex®-A8 3.5" SBC
13-Jan-2017
UBC-330 ADVANTECH-UBC-330 Datasheet
2Mb / 4P
TI Sitara™ AM3352 Cortex®-A8 RISC Computing Box
7-Jul-2021
WEDOP-3070T ADVANTECH-WEDOP-3070T Datasheet
510Kb / 2P
7" WVGA Operator Panel with ARM® Cortex™-A8 RISC Processor and Wide Operating Temperature
27-Jun-2018
logo
AAEON Technology
SRG-3352 AAEON-SRG-3352 Datasheet
482Kb / 2P
Standard IoT Gateway System With Onboard ARM Cortex-A8 800 MHz RISC Processor
2022/10/21
SRG-3352C AAEON-SRG-3352C Datasheet
608Kb / 2P
Standard IoT Gateway System With Onboard ARM Cortex-A8 800 MHz RISC Processor
2022/10/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com