Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G9105 Datasheet (PDF) - Global Mixed-mode Technology Inc

G9105 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G9105
Download  G9105 Download
File Size   404.92 Kbytes
Page   9 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 5V 1A Low Dropout Regulator with Enable

G9105 Datasheet (PDF)

Go To PDF Page Download Datasheet
G9105 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G9105
Download  G9105 Click to download

File Size   404.92 Kbytes
Page   9 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 5V 1A Low Dropout Regulator with Enable

G9105 Datasheet (HTML) - Global Mixed-mode Technology Inc


G9105 Product details

General Description

The G9105 positive 5V voltage regulator features the ability to source 1A of output current. The dropout voltage is 0.5V at 1A output current. The typical quiescent current is 5mA. Furthermore, the quiescent current is smaller when the regulator is in the dropout mode (VIN < 5.5V).



Features

  Dropout voltage 0.5V @ IO= 1A

  Output current in excess of 1A

  Output voltage accuracy ±2.5%

  Quiescent current, typically 5mA

  Internal short circuit current limit

  Internal over temperature protection

  ON/OFF control




Similar Part No. - G9105

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G910 GMT-G910 Datasheet
228Kb / 9P
3.3V 400mA/250mA Low Dropout Regulator
G910 GMT-G910 Datasheet
408Kb / 10P
3.3V 600mA/250mA Low Dropout Regulator
G910T21B GMT-G910T21B Datasheet
228Kb / 9P
3.3V 400mA/250mA Low Dropout Regulator
G910T21D GMT-G910T21D Datasheet
228Kb / 9P
3.3V 400mA/250mA Low Dropout Regulator
G910T21T GMT-G910T21T Datasheet
228Kb / 9P
3.3V 400mA/250mA Low Dropout Regulator
More results


Similar Description - G9105

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
logo
Global Mixed-mode Techn...
G961 GMT-G961 Datasheet
231Kb / 1P
1A Low Dropout Regulator with Enable
logo
Silicon Standard Corp.
SS8061G SSC-SS8061G Datasheet
606Kb / 6P
1A Low Dropout Regulator with Enable
logo
Global Mixed-mode Techn...
G964 GMT-G964 Datasheet
41Kb / 1P
1A Low Dropout Regulator with Enable
G9125 GMT-G9125_15 Datasheet
33Kb / 1P
2.5V 1A Low Dropout Regulator with Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com