Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8281 Datasheet (PDF) - Cherry Semiconductor Corporation

CS8281 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS8281
Download  CS8281 Download
File Size   153.55 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE

CS8281 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8281 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS8281
Download  CS8281 Click to download

File Size   153.55 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE

CS8281 Datasheet (HTML) - Cherry Semiconductor Corporation


CS8281 Product details

Description
The CS8281 is a precision, dual 5V micropower linear voltage regulator. The switched primary output (VOUT1) supplies up to 250mA while the secondary (VOUT2) is capable of supplying 100mA. Both outputs have a maximum dropout voltage of 600mV and low reverse current. Quiescent current drain is typically 150µA when supplying 100µA from each output.

Features
■ 5V, 250mA Primary Output
■ 5V, 100mA Secondary Output
■ 3% Tolerance, Both Outputs
■ ON/OFF Control for Primary Output
■ Low Quiescent Current Drain (100µA VOUT2)
■ Low Reverse Current
■ Protection Features
    Reverse Battery (-15V) 74V Load Dump
    Short Circuit
    Overtemperature
    Overvoltage (34V)




Similar Part No. - CS8281

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS821 HVPSI-CS821 Datasheet
60Kb / 2P
MOV Modules
CS821A1 HVPSI-CS821A1 Datasheet
60Kb / 2P
MOV Modules
CS821A2 HVPSI-CS821A2 Datasheet
60Kb / 2P
MOV Modules
CS821B1 HVPSI-CS821B1 Datasheet
60Kb / 2P
MOV Modules
CS821B2 HVPSI-CS821B2 Datasheet
60Kb / 2P
MOV Modules
More results


Similar Description - CS8281

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
Micropower 5V, 100mA Low Dropout Linear Regulator
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
logo
Global Mixed-mode Techn...
G9105 GMT-G9105 Datasheet
404Kb / 9P
5V 1A Low Dropout Regulator with Enable
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com