Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8281 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS8281
Description  5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8281 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS8281 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8281 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8281 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8281 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8281 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8281 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
The CS8281 is a micropower dual 5V regulator. All bias
required to operate the internal circuitry is derived from
the standby output, VOUT2. If this output experiences an
over current situation and collapses, then VOUT1 will also
collapse (see timing diagrams).
If there is critical circuitry that must remain active under
most conditions it should be connected to VOUT2. Any cir-
cuitry that is likely to be subjected to a short circuit, e.g.,
circuitry outside the module, should be connected to VOUT1.
Output capacitors are required for stability with the CS8281.
Without them, the regulator outputs will oscillate. Actual
size and type may vary depending upon the application
load and temperature range. Capacitor effective series
resistance (ESR) is also a factor in the IC stability. Worst-
case is determined at the minimum ambient temperature
and maximum load expected.
Output capacitors can be increased in size to any desired
value above the minimum. One possible purpose of this
would be to maintain the output voltages during brief con-
ditions of negative input transients that might be character-
istic of a particular system.
Capacitors must also be rated at all ambient temperatures
expected in the system. To maintain regulator stability
down to -40ûC, capacitors rated at that temperature must be
used.
More information on capacitor selection for Smart
Regulatorsª is available in the Smart Regulator applica-
tion note, Compensation for Linear Regulators.
The ENABLE function controls VOUT1. When ENABLE is
high, VOUT1 is on. When ENABLE is low, VOUT1 is off.
The maximum power dissipation for a dual output regula-
tor (Figure 1) is:
PD(max) = {VIN(max)ÐVOUT1(min)}IOUT1(max)+
{VIN(max)ÐVOUT2(min)}IOUT2(max)+VIN(max)IQ (1)
where:
VIN(max) is the maximum input voltage,
VOUT1(min) is the minimum output voltage from VOUT1,
VOUT2(min) is the minimum output voltage from VOUT2,
IOUT1(max) is the maximum output current for the appli-
cation,
IOUT2(max) is the maximum output current for the appli-
cation, and
IQ is the quiescent current the regulator consumes at both
IOUT1(max) and IOUT2(max).
Once the value of PD(max) is known, the maximum per-
missible value of RQJA can be calculated:
RQJA =
(2)
The value of RQJA can then be compared with those in
the package section of the data sheet. Those packages with
RQJA's less than the calculated value in equation 2 will keep
the die temperature below 150¡C.
In some cases, none of the packages will be sufficient to
dissipate the heat generated by the IC, and an external heat
sink will be required.
Figure 1: Dual output regulator with key performance parameters
labeled.
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and the
outside environment will have a thermal resistance. Like
series electrical resistances, these resistances are summed to
determine the value of RQJA.
RQJA = RQJC + RQCS + RQSA
(3)
where:
RQJC = the junctionÐtoÐcase thermal resistance,
RQCS = the caseÐtoÐheat sink thermal resistance, and
RQSA = the heat sinkÐtoÐambient thermal resistance.
RQJC appears in the package section of the data sheet. Like
RQJA, it too is a function of package type. RQCS and RQSA are
functions of the package type, heat sink and the interface
between them. These values appear in heat sink data sheets
of heat sink manufacturers.
Heat Sinks
VIN
VOUT2
IIN
IQ
Control
Features
}
IOUT2
VOUT1
IOUT1
Smart
Regulator
150¡C - TA
PD
Calculating Power Dissipation
in a Dual Output Linear Regulator
ENABLE
External Capacitors
General
4
Application Notes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com