Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8281 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS8281
Description  5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8281 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS8281 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8281 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8281 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8281 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8281 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8281 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Definition of Terms
3
VIN
ENABLE
VOUT
1
System
Condition
60V
3V
2.4V
5V
0V
Turn
On
Load
Dump
Low VIN
Line Noise, Etc.
VOUT2
Short
Circuit
Thermal
Shutdown
Turn
Off
5V
0V
14V
5V
2.0V
0.8V
14V
26V
31V
5V
5V
2.4V
5V
5V
5V
0V
VOUT
2
5V
5V
0V
5V
VOUT
1
Short
Circuit
0V
5V
5V
Typical Circuit Waveform
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
Package Lead Description
5 Lead D2PAK
1VIN
Supply voltage to IC, usually direct from battery.
2VOUT1
5V regulated output which is activated by ENABLE input.
3
Gnd
Ground connection.
4VOUT2
Standby output 5V, 100mA capability; always on.
5
ENABLE
CMOS compatible input lead; switches VOUT1. When ENABLE is
high, VOUT1 is active.
Current Limit
Peak current that can be delivered to the output.
Dropout Voltage
The input-output voltage differential at which the circuit
ceases to regulate against further reduction in input volt-
age. Measured when the output voltage has dropped
100mV from the nominal value obtained at 14V input,
dropout voltage is dependent upon load current and junc-
tion temperature.
Input Output Differential
The voltage difference between the unregulated input volt-
age and the regulated output voltage for which the regula-
tor will operate.
Input Voltage
The DC voltage applied to the input terminals with respect
to ground.
Line Regulation
The change in output voltage for a change in the input
voltage. The measurement is made under conditions of
low dissipation or by using pulse techniques such that the
average chip temperature is not significantly affected.
Load Regulation
The change in output voltage for a change in load current
at constant chip temperature.
Long Term Stability
Output voltage stability under accelerated life-test condi-
tions after 1000 hours with maximum rated voltage and
junction temperature.
Quiescent Current
The part of the positive input current that does not con-
tribute to the positive load current. i.e., the regulator
ground lead current.
Ripple Rejection
The ratio of the peak-to-peak input ripple voltage to the
peak-to-peak output ripple voltage.
Short Circuit Current Limit
Peak current that can be delivered by the output when
forced to 0V.
Temperature Stability of VOUT
The percentage change in output voltage for a thermal varia-
tion from room temperature to either temperature extreme.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com