Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8361 Datasheet (PDF) - Cherry Semiconductor Corporation

CS8361 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS8361
Download  CS8361 Download
File Size   169.29 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 5V Dual Micropower Low Dropout Regulator with ENABLE and RESET

CS8361 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8361 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS8361
Download  CS8361 Click to download

File Size   169.29 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 5V Dual Micropower Low Dropout Regulator with ENABLE and RESET

CS8361 Datasheet (HTML) - Cherry Semiconductor Corporation


CS8361 Product details

Description
The CS8361 is a precision micro power dual voltage regulator with ENABLE and RESET.
The 5V standby output is accurate within ±2% while supplying loads of 100mA and has a typical dropout voltage of 400mV. Quiescent current is low, typically 140µA with a 300µA load. The active RESET output monitors the 5V standby output and holds the RESET line low during power up and regulator dropout conditions. The RESET circuit includes hysteresis and is guaranteed to operate correctly with 1V on the standby output.
The second output tracks the 5V standby output through an external adjust lead, and can supply loads of 250mA with a typical dropout voltage of 400mV. The logic level ENABLE lead is used to control this tracking regulator output.
Both outputs are protected against overvoltage, short circuit, reverse battery and overtemperature conditions. The robustness and low quiescent current of the CS8361 makes it not only well suited for automotive microprocessor applications, but for any battery powered micro processor applications.

Features
■ 2 Regulated Outputs
   Standby Output 5V
   ±2%; 100mA
   Tracking Output 5V;
   250mA
■ Low Dropout Voltage (0.4V at rated current)
■ RESET Option
■ ENABLE Option
■ Low Quiescent Current
■ Protection Features
   Independent Thermal
   Shutdown
   Short Circuit
   60V Load Dump
   Reverse Battery




Similar Part No. - CS8361

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8361 ONSEMI-CS8361 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
CS8361YDPS7G ONSEMI-CS8361YDPS7G Datasheet
163Kb / 8P
5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
CS8361YDPSR7G ONSEMI-CS8361YDPSR7G Datasheet
163Kb / 8P
5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
CS8361YDWF16G ONSEMI-CS8361YDWF16G Datasheet
163Kb / 8P
5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
More results


Similar Description - CS8361

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com