Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8361 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS8361
Description  5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8361 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS8361 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8361 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8361 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8361 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8361 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8361 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Characteristics: 6V ² VIN ² 26V, IOUT1 = IOUT2 = 100µA, -40¡C ² TA ²+125¡C, -40¡C ²TJ ² +150¡C,
unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Absolute Maximum Ratings
Supply Voltage, VIN .....................................................................................................................................................-16V to 26V
Positive Transient Input Voltage, tr > 1ms.............................................................................................................................60V
Negative Transient Input Voltage, T < 100ms, 1% Duty Cycle..........................................................................................-50V
Input Voltage Range (
,
) ...............................................................................................................-0.3V to 10V
Junction Temperature...........................................................................................................................................-40¡C to +150¡C
Storage Temperature Range ................................................................................................................................-55¡C to +150¡C
ESD Susceptibility (Human Body Model)..............................................................................................................................2kV
Lead Temperature Soldering
Wave Solder (through hole styles only) .....................................................................................10 sec. max, 260¡C peak
Reflow (SMD styles only) ......................................................................................60 sec. max above 183¡C, 230¡C peak
RESET
ENABLE
s Tracking Output (VTRK)
VSTBY Ð VTRK,
6V ² VIN ² 26V
-25
+25
mV
VTRK Tracking Error
100µA ² ITRK ² 250mA (note 1)
Adjust Pin Current, IAdj
Loop in Regulation
1.5
5
µA
Line Regulation
6V ² VIN ² 26V (note 1)
5
50
mV
Load Regulation
100µA ² ITRK ² 250mA (note 1)
5
50
mV
Dropout Voltage (VIN Ð VTRK)
ITRK = 100µA
100
150
mV
ITRK = 250mA
400
700
mV
Current Limit
VIN = 12V, VTRK = 4.5
275
500
mA
Quiescent Current
VIN = 12V, ITRK = 250mA
25
50
mA
No Load on VSTBY
Reverse Current
VTRK = 5V, VIN = 0V
200
1500
µA
Ripple Rejection
f = 120Hz, ITRK = 250mA
60
70
dB
7V ² VIN ² 17V
s Standby Output (VSTBY)
Output Voltage, VSTBY
6V ² VIN ² 26V
4.90
5.00
5.10
V
100µA ² ISTBY ² 100mA
Line Regulation
6V ² VIN ² 26V
5
50
mV
Load Regulation
100µA ² ISTBY ² 100mA
5
50
mV
Dropout Voltage (VIN Ð VSTBY)
ISTBY = 100µA
100
150
mV
ISTBY = 100mA
400
600
mV
Current Limit
VIN = 12V, VSTBY = 4.5V
125
200
mA
Short Circuit Current
VIN = 12V, VSTBY = 0V
10
100
mA
Quiescent Current
VIN = 12V, ISTBY = 100mA
10
20
mA
ITRK = 0mA
VIN = 12V, ISTBY = 300µA
140
200
µA
ITRK = 0mA
Reverse Current
VSTBY = 5V, VIN = 0V
100
200
µA
Ripple Rejection
f = 120Hz, ISTBY = 100mA
60
70
dB
7V ² VIN ² 17V
Note 1: VTRK connected to Adj lead. VTRK can be set to higher values by using an external resistor divider.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com