Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8361 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS8361
Description  5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8361 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS8361 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8361 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8361 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8361 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8361 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8361 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Package Lead Description
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
Electrical Characteristics: 6V ² VIN ² 26V, IOUT1 = IOUT2 = 100µA, -40¡C ² TA ²+125¡C, -40¡C ²TJ ² +150¡C,
unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s
Functions
Input Threshold
0.8
1.2
2.0
V
Input Bias Current
VENABLE = 0V to 10V
-10
0
10
µA
Threshold High (VRH)VSTBY Increasing
4.59
4.87
VSTBY-0.02
V
Hysteresis
60
120
180
mV
Threshold Low (VRL)VSTBY Decreasing
4.53
4.75
VSTBY-0.08
V
Leakage
25
µA
Output Voltage
Low (VRLO); RRST = 10k½
1V ² VSTBY ²VRL
0.1
0.4
V
Low (VRPEAK)VSTBY, Power Up, Power Down
0.6
1.0
V
s Protection Circuitry (Both Outputs)
Independent Thermal Shutdown VSTBY
150
180
¡C
VTRK
150
165
¡C
Overvoltage Shutdown
30
34
38
V
RESET
RESET
RESET
RESET
ENABLE
ENABLE
ENABLE
RESET
16L PDIP & SO
20L SO Wide
7L
7L
Wide
(Internally
(Internally
TO-220 D2PAK
Fused Leads)
Fused Leads)
1
1
16
20
VSTBY
Standby output voltage delivering 100mA.
22
1
1
VIN
Input voltage.
33
3
2
VTRK
Tracking output voltage controlled by
delivering 250mA.
4
4
4,5,12,13
4,5,6,7
Gnd
Reference ground connection.
14,15,16,17
5
5
6
8
Adj
Resistor divider from VTRK to Adj. Sets the
output voltage on VTRK. If tied to VTRK, VTRK
will track VSTBY.
66
8
10
Provides on/off control of the tracking output,
active LOW.
7
7
9
11
CMOS compatible output lead that goes low
whenever VSTBY falls out of regulation.
2,7,10,
3,9,12,13,
NC
No Connection.
11,14,15
18,19
RESET
ENABLE
ENABLE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com