Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8361 Datasheet (PDF) - ON Semiconductor

CS8361 Datasheet PDF - ON Semiconductor
Part # CS8361
Download  CS8361 Download
File Size   163.48 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET

CS8361 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8361 Datasheet PDF - ON Semiconductor

Part # CS8361
Download  CS8361 Click to download

File Size   163.48 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET

CS8361 Datasheet (HTML) - ON Semiconductor


CS8361 Product details

The CS8361 is a precision Micropower dual voltage regulator with ENABLE and RESET.
The 5.0 V standby output is accurate within ±2% while supplying loads of 100 mA and has a typical dropout voltage of 400 mV. Quiescent current is low, typically 140 μA with a 300 μA load. The active RESET output monitors the 5.0 V standby output and is low during power−up and regulator dropout conditions. The RESET circuit includes hysteresis and is guaranteed to operate correctly with 1.0 V on the standby output.
The second output tracks the 5.0 V standby output through an external adjust lead, and can supply loads of 250 mA with a typical dropout voltage of 400 mV. The logic level ENABLE lead is used to control this tracking regulator output.
Both outputs are protected against overvoltage, short circuit, reverse battery and overtemperature conditions. The robustness and low quiescent current of the CS8361 makes it not only well suited for automotive microprocessor applications, but for any battery powered microprocessor applications.

Features
• 2 Regulated Outputs
   − Standby Output 5.0 V ± 2%; 100 mA
   − Tracking Output 5.0 V; 250 mA
• Low Dropout Voltage (0.4 V at Rated Current)
• RESET Option
• ENABLE Option
• Low Quiescent Current
• Protection Features
   − Independent Thermal Shutdown
   − Short Circuit
   − 60 V Load Dump
   − Reverse Battery
• Internally Fused Leads in SO−16L Package
• These are Pb−Free Devices




Similar Part No. - CS8361

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
logo
ON Semiconductor
CS8361 ONSEMI-CS8361 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS8361YDPS7 CHERRY-CS8361YDPS7 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
CS8361YDPSR7 CHERRY-CS8361YDPSR7 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
CS8361YDW20 CHERRY-CS8361YDW20 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
More results


Similar Description - CS8361

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
CS8156 ONSEMI-CS8156 Datasheet
94Kb / 11P
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
February, 2006 ??Rev. 8
CS8161 ONSEMI-CS8161 Datasheet
97Kb / 11P
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8363 ONSEMI-CS8363_11 Datasheet
148Kb / 8P
3.3 V Dual Micropower Regulator with ENABLE and RESET
October, 2009 ??Rev. 12
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com