Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8361 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8361
Description  5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8361 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8361 Datasheet HTML 1Page - ON Semiconductor CS8361 Datasheet HTML 2Page - ON Semiconductor CS8361 Datasheet HTML 3Page - ON Semiconductor CS8361 Datasheet HTML 4Page - ON Semiconductor CS8361 Datasheet HTML 5Page - ON Semiconductor CS8361 Datasheet HTML 6Page - ON Semiconductor CS8361 Datasheet HTML 7Page - ON Semiconductor CS8361 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CS8361
http://onsemi.com
2
Figure 1. Block Diagram. Consult Your Local Sales Representative for Positive ENABLE Option
+
−
VIN
Overvoltage
Shutdown
Current
Limit
Bandgap
Current
Limit
Thermal
Shutdown
−
+
RESET
+
−
GND
−
+
OVSD
TSD OVSD
BG
BG
RESET
VSTBY
5.0 V, 100 mA, 2.0%
VTRK
250 mA
VIN
Adj
TSD
TSD OVSD
VSTBY
ENABLE
BG
RESET
MAXIMUM RATINGS*
Rating
Value
Unit
Supply Voltage, VIN
−16 to 26
V
Positive Transient Input Voltage, tr > 1.0 ms
60
V
Negative Transient Input Voltage, T < 100 ms, 1.0 % Duty Cycle
−50
V
Input Voltage Range (ENABLE, RESET)
−0.3 to 10
V
Tracking Regulator (VTRK, Adj)
20
V
Standby Regulator (VSTBY)
10
V
Junction Temperature
−40 to +150
°C
Storage Temperature Range
−55 to +150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
Lead Temperature Soldering
Wave Solder (through hole styles only) Note 1
Reflow (SMD styles only) Note 2
260 peak
230 peak
°C
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 10 seconds max.
2. 60 seconds max above 183°C
*The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com