Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8361 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8361
Description  5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8361 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8361 Datasheet HTML 1Page - ON Semiconductor CS8361 Datasheet HTML 2Page - ON Semiconductor CS8361 Datasheet HTML 3Page - ON Semiconductor CS8361 Datasheet HTML 4Page - ON Semiconductor CS8361 Datasheet HTML 5Page - ON Semiconductor CS8361 Datasheet HTML 6Page - ON Semiconductor CS8361 Datasheet HTML 7Page - ON Semiconductor CS8361 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS8361
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (6.0 V ≤ VIN ≤ 26 V, IOUT1 = IOUT2 = 100 mA, −40°C ≤ TA ≤ +125°C,
−40°C ≤ TJ ≤ +150°C; unless otherwise stated.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Tracking Output (VTRK)
VTRK Tracking Error (VSTBY − VTRK)
6.0 V ≤ VIN ≤ 26 V, 100 mA ≤ ITRK ≤ 250 mA.
Note 3
−25
−
+25
mV
Adjust Pin Current, IAdj
Loop in Regulation
−
1.5
5.0
mA
Line Regulation
6.0 V ≤ VIN ≤ 26 V. Note 3
−
5.0
50
mV
Load Regulation
100 mA ≤ ITRK ≤ 250 mA. Note 3
−
5.0
50
mV
Dropout Voltage (VIN − VTRK)
ITRK = 100 mA.
ITRK = 250 mA
−
−
100
400
150
700
mV
mV
Current Limit
VIN = 12 V, VTRK = 4.5 V
275
500
−
mA
Quiescent Current
VIN = 12 V, ITRK = 250 mA, No Load on VSTBY
−
25
50
mA
Reverse Current
VTRK = 5.0 V, VIN = 0 V
−
200
1500
mA
Ripple Rejection
f = 120 Hz, ITRK = 250 mA, 7.0 V ≤ VIN ≤ 17 V
60
70
−
dB
Standby Output (VSTBY)
Output Voltage, VSTBY
6.0 V ≤ VIN ≤ 26 V, 100 mA ≤ ISTBY ≤ 100 mA.
4.9
5.0
5.1
V
Line Regulation
6.0 V ≤ VIN ≤ 26 V.
−
5.0
50
mV
Load Regulation
100 mA ≤ ISTBY ≤ 100 mA.
−
5.0
50
mV
Dropout Voltage (VIN − VSTBY)
ISTBY = 100 mA.
ISTBY = 100 mA
−
−
100
400
150
600
mV
mV
Current Limit
VIN = 12 V, VSTBY = 4.5 V
125
200
−
mA
Short Circuit Current
VIN = 12 V, VSTBY = 0 V
10
100
−
mA
Quiescent Current
VIN = 12 V, ISTBY = 100 mA, ITRK = 0 mA
VIN = 12 V, ISTBY = 300 mA, ITRK = 0 mA
−
−
10
140
20
200
mA
mA
Reverse Current
VSTBY = 5.0 V, VIN = 0 V
−
100
200
mA
Ripple Rejection
f = 120 Hz, ISTBY = 100 mA, 7.0 V ≤ VIN ≤ 17 V
60
70
−
dB
RESET ENABLE Functions
ENABLE Input Threshold
−
0.8
1.2
2.0
V
ENABLE Input Bias Current
VENABLE = 0 V to 10 V
−10
0
10
mA
RESET Threshold High (VRH)
VSTBY Increasing
4.59
4.87
VSTBY − 0.02
V
RESET Hysteresis
−
60
120
180
mV
RESET Threshold Low (VRL)
VSTBY Decreasing
4.53
4.75
VSTBY − 0.08
V
RESET Leakage
−
−
−
25
mA
Output Voltage, Low (VRLO)
1.0 V ≤ VSTBY ≤ VRL, RRST = 10 kW
−
0.1
0.4
V
Output Voltage, Low (VRPEAK)
VSTBY, Power Up, Power Down
−
0.6
1.0
V
Protection Circuitry (Both Outputs)
Independent Thermal Shutdown
VSTBY
VTRK
150
150
180
165
−
−
°C
°C
Overvoltage Shutdown
−
30
34
38
V
3. VTRK connected to Adj lead. VTRK can be set to higher values by using an external resistor divider.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com