Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8156 Datasheet (PDF) - ON Semiconductor

CS8156 Datasheet PDF - ON Semiconductor
Part # CS8156
Download  CS8156 Download
File Size   94.43 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 12 V, 5.0 V Low Dropout Dual Regulator with ENABLE

CS8156 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8156 Datasheet PDF - ON Semiconductor

Part # CS8156
Download  CS8156 Click to download

File Size   94.43 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 12 V, 5.0 V Low Dropout Dual Regulator with ENABLE

CS8156 Datasheet (HTML) - ON Semiconductor


CS8156 Product details

The CS8156 is a low dropout 12 V/5.0 V dual output linear regulator. The 12 V ±5.0% output sources 750 mA and the 5.0 V ±2.0% output sources 100 mA.
The on board ENABLE function controls the regulator’s two outputs. When the ENABLE lead is low, the regulator is placed in SLEEP mode. Both outputs are disabled and the regulator draws only 200 nA of quiescent current.
The regulator is protected against overvoltage conditions. Both outputs are protected against short circuit and thermal runaway conditions.
The CS8156 is packaged in a 5 lead TO−220 with copper tab. The copper tab can be connected to a heat sink if necessary.

Features
• Two Regulated Outputs
    − 12 V ±5.0%; 750 mA
    − 5.0 V ±2.0%; 100 mA
• Very Low SLEEP Mode Current Drain 200 nA
• Fault Protection
    − Reverse Battery
    − +60 V, −50 V Peak Transient Voltage
    − Short Circuit
    − Thermal Shutdown
• CMOS Compatible ENABLE
• Pb−Free Packages are Available




Similar Part No. - CS8156

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
logo
ON Semiconductor
CS8156 ONSEMI-CS8156 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS8156YT5 CHERRY-CS8156YT5 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8156YTHA5 CHERRY-CS8156YTHA5 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8156YTVA5 CHERRY-CS8156YTVA5 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
More results


Similar Description - CS8156

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3050KM ALLEGRO-SI-3050KM Datasheet
350Kb / 9P
1 A, Low-Dropout, 5.0 V Regulator
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
CS8161 ONSEMI-CS8161 Datasheet
97Kb / 11P
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com