Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8156 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8156
Description  12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8156 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8156 Datasheet HTML 1Page - ON Semiconductor CS8156 Datasheet HTML 2Page - ON Semiconductor CS8156 Datasheet HTML 3Page - ON Semiconductor CS8156 Datasheet HTML 4Page - ON Semiconductor CS8156 Datasheet HTML 5Page - ON Semiconductor CS8156 Datasheet HTML 6Page - ON Semiconductor CS8156 Datasheet HTML 7Page - ON Semiconductor CS8156 Datasheet HTML 8Page - ON Semiconductor CS8156 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CS8156
http://onsemi.com
2
Figure 1. Block Diagram
VOUT2, 5.0 V
Anti−saturation
and
Current Limit
+
−
−
+
Overvoltage
Shutdown
Bandgap
Reference
Thermal
Shutdown
Pre−Regulator
VIN
VOUT1, 12 V
ENABLE
GND
Anti−saturation
and
Current Limit
+
−
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Input Voltage:
Operating Range
Peak Transient Voltage (Note 1)
−0.5 to 26
60
V
V
Internal Power Dissipation
Internally Limited
−
Operating Temperature Range
−40 to +125
°C
Junction Temperature Range
−40 to +150
°C
Storage Temperature Range
−65 to +150
°C
Lead Temperature Soldering:
Wave Solder (through hole styles only) (Note 2)
260 peak
°C
1. Load Dump = 46 V
2. 10 second maximum.
*The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com