Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8147 Datasheet (PDF) - ON Semiconductor

CS8147 Datasheet PDF - ON Semiconductor
Part # CS8147
Download  CS8147 Download
File Size   85.6 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 10 V/5.0 V Low Dropout Dual Regulator with ENABLE

CS8147 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8147 Datasheet PDF - ON Semiconductor

Part # CS8147
Download  CS8147 Click to download

File Size   85.6 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 10 V/5.0 V Low Dropout Dual Regulator with ENABLE

CS8147 Datasheet (HTML) - ON Semiconductor


CS8147 Product details

The CS8147 is a 10 V/5.0 V dual output linear regulator. The 10V ±5.0% output sources 500 mA and the 5.0 V ±3% output sources 70 mA. The secondary output is inherently stable and does not require an external capacitor.
The on board ENABLE function controls the regulator’s two outputs. When ENABLE is high, the regulator is placed in SLEEP mode. Both outputs are disabled and the regulator draws only 70 µA of quiescent current.
The regulator is protected against overvoltage conditions. Both outputs are protected against short circuit and thermal runaway conditions.
The CS8147 is packaged in a 5 lead TO–220 with copper tab. The copper tab can be connected to a heat sink if necessary.

Features
• Two Regulated Outputs
   – 10 V ±5.0%; 500 mA
   – 5.0 V ±3.0%; 70 mA
• 70 µA SLEEP Mode Current
• Inherently Stable Secondary Output (No Output Capacitor Required)
• Fault Protection
   – Overvoltage Shutdown
   – Reverse Battery
   – 60 V Peak Transient
   – –50 V Reverse Transient
   – Short Circuit
   – Thermal Shutdown
• CMOS Compatible ENABLE Input with Low (IOUT(max)) Input Current




Similar Part No. - CS8147

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
CS8147YT5 CHERRY-CS8147YT5 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
CS8147YTHA5 CHERRY-CS8147YTHA5 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
CS8147YTVA5 CHERRY-CS8147YTVA5 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
More results


Similar Description - CS8147

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3676 PHILIPS-TDA3676 Datasheet
83Kb / 16P
Low dropout voltage/quiescent current 10 V voltage regulator with enable
2000 Feb 01
logo
Allegro MicroSystems
SI-3050KM ALLEGRO-SI-3050KM Datasheet
350Kb / 9P
1 A, Low-Dropout, 5.0 V Regulator
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8156 ONSEMI-CS8156 Datasheet
94Kb / 11P
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
February, 2006 ??Rev. 8
CS8161 ONSEMI-CS8161 Datasheet
97Kb / 11P
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com