Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8147 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8147
Description  10 V/5.0 V Low Dropout Dual Regulator with ENABLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8147 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8147 Datasheet HTML 1Page - ON Semiconductor CS8147 Datasheet HTML 2Page - ON Semiconductor CS8147 Datasheet HTML 3Page - ON Semiconductor CS8147 Datasheet HTML 4Page - ON Semiconductor CS8147 Datasheet HTML 5Page - ON Semiconductor CS8147 Datasheet HTML 6Page - ON Semiconductor CS8147 Datasheet HTML 7Page - ON Semiconductor CS8147 Datasheet HTML 8Page - ON Semiconductor CS8147 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2001
January, 2001 – Rev. 6
1
Publication Order Number:
CS8147/D
CS8147
10 V/5.0 V Low Dropout
Dual Regulator with ENABLE
The CS8147 is a 10 V/5.0 V dual output linear regulator. The 10V
±5.0% output sources 500 mA and the 5.0 V ±3% output sources 70
mA. The secondary output is inherently stable and does not require an
external capacitor.
The on board ENABLE function controls the regulator’s two
outputs. When ENABLE is high, the regulator is placed in SLEEP
mode. Both outputs are disabled and the regulator draws only 70
µA of
quiescent current.
The regulator is protected against overvoltage conditions. Both
outputs are protected against short circuit and thermal runaway
conditions.
The CS8147 is packaged in a 5 lead TO–220 with copper tab. The
copper tab can be connected to a heat sink if necessary.
Features
• Two Regulated Outputs
– 10 V
±5.0%; 500 mA
– 5.0 V
±3.0%; 70 mA
• 70 µA SLEEP Mode Current
• Inherently Stable Secondary Output (No Output Capacitor Required)
• Fault Protection
– Overvoltage Shutdown
– Reverse Battery
– 60 V Peak Transient
– –50 V Reverse Transient
– Short Circuit
– Thermal Shutdown
• CMOS Compatible ENABLE Input with Low (I
OUT(max)) Input
Current
http://onsemi.com
PIN CONNECTIONS AND
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
50 Units/Rail
CS8147YT5
TO–220*
STRAIGHT
50 Units/Rail
CS8147YTVA5
TO–220*
VERTICAL
50 Units/Rail
CS8147YTHA5
TO–220*
HORIZONTAL
CS8147
AWLYWW
1
Tab = GND
Pin 1. ENABLE
2. VIN
3. GND
4. VOUT1 (10 V)
5. VOUT2 (5.0 V)
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
TO–220
FIVE LEAD
T SUFFIX
CASE 314D
1
5
TO–220
FIVE LEAD
TVA SUFFIX
CASE 314K
TO–220
FIVE LEAD
THA SUFFIX
CASE 314A
1
5
1
*Five lead.


Similar Part No. - CS8147

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
CS8147YT5 CHERRY-CS8147YT5 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
CS8147YTHA5 CHERRY-CS8147YTHA5 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
CS8147YTVA5 CHERRY-CS8147YTVA5 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
More results

Similar Description - CS8147

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3676 PHILIPS-TDA3676 Datasheet
83Kb / 16P
Low dropout voltage/quiescent current 10 V voltage regulator with enable
2000 Feb 01
logo
Allegro MicroSystems
SI-3050KM ALLEGRO-SI-3050KM Datasheet
350Kb / 9P
1 A, Low-Dropout, 5.0 V Regulator
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8156 ONSEMI-CS8156 Datasheet
94Kb / 11P
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
February, 2006 ??Rev. 8
CS8161 ONSEMI-CS8161 Datasheet
97Kb / 11P
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com