Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8147 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8147
Description  10 V/5.0 V Low Dropout Dual Regulator with ENABLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8147 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8147 Datasheet HTML 1Page - ON Semiconductor CS8147 Datasheet HTML 2Page - ON Semiconductor CS8147 Datasheet HTML 3Page - ON Semiconductor CS8147 Datasheet HTML 4Page - ON Semiconductor CS8147 Datasheet HTML 5Page - ON Semiconductor CS8147 Datasheet HTML 6Page - ON Semiconductor CS8147 Datasheet HTML 7Page - ON Semiconductor CS8147 Datasheet HTML 8Page - ON Semiconductor CS8147 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS8147
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS for VOUT: (VIN = 14 V, IOUT1 = IOUT2 = 5.0 mA, –40°C < TJ < 150°C,
–40
°C ≤ TA ≤ 125°C, ENABLE = LOW; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Primary Output (VOUT1)
Output Voltage
13 V
≤ VIN ≤ 26 V, IOUT1 ≤ 500 mA
9.50
10.00
10.5
V
Dropout Voltage
IOUT1 = 500 mA
–
0.5
0.7
V
Line Regulation
11 V
≤ VIN ≤ 18 V, IOUT1 = 250 mA
–
45
90
mV
Load Regulation
5.0 mA
≤ IOUT1 ≤ 500 mA
–
15
75
mV
Quiescent Current
IOUT1 ≤ 1.0 mA, No Load on VOUT2, VIN = 18 V
IOUT1 = 500 mA, No Load on VOUT2, VIN = 11 V
–
–
3.0
60
7.0
120
mA
mA
Quiescent Current
ENABLE = HIGH, VOUT1, VOUT2 = OFF
–
70
200
µA
Current Limit
–
0.55
0.80
–
A
Long Term Stability
–
–
50
–
mV/khr
Overvoltage Shutdown
VOUT1 and VOUT2
32
36
40
V
Secondary Output (VOUT2)
Output Voltage
6.0 V
≤ VIN ≤ 26 V, 1.0 mA ≤ IOUT2 ≤ 70 mA
4.85
5.00
5.15
V
Dropout Voltage
IOUT2 ≤ 70 mA
–
1.5
2.5
V
Line Regulation
11
≤ VIN ≤ 18 V, IOUT = 70 µA
–
4.0
50
mV
Load Regulation
1.0 mA
≤ IOUT2 ≤ 70 mA, VIN = 14 V
–
10
50
mV
Current Limit
–
–
150
–
mA
ENABLE Function (ENABLE)
Input ENABLE Threshold
VOUT2(ON)
VOUT1(OFF)
–
0.8
1.40
1.40
2.50
–
V
V
Input ENABLE Current
Input Voltage Range 0 to 5.0 V
–10
–
10
µA
PACKAGE PIN DESCRIPTION
PACKAGE LEAD #
5 Lead TO–220
LEAD SYMBOL
FUNCTION
1
ENABLE
CMOS compatible input lead; switches VOUT1 and VOUT2 on
and off. When ENABLE is low, VOUT1 and VOUT2 are active.
2
VIN
Supply voltage, usually direct from battery.
3
GND
Ground connection.
4
VOUT1
Regulated output 10 V, 500 mA (typ).
5
VOUT2
Secondary output 5.0 V, 70 mA (typ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com