Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8147 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS8147
Description  10 V/5.0 V Low Dropout Dual Regulator with ENABLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8147 Datasheet(HTML) 4 Page - ON Semiconductor

  CS8147 Datasheet HTML 1Page - ON Semiconductor CS8147 Datasheet HTML 2Page - ON Semiconductor CS8147 Datasheet HTML 3Page - ON Semiconductor CS8147 Datasheet HTML 4Page - ON Semiconductor CS8147 Datasheet HTML 5Page - ON Semiconductor CS8147 Datasheet HTML 6Page - ON Semiconductor CS8147 Datasheet HTML 7Page - ON Semiconductor CS8147 Datasheet HTML 8Page - ON Semiconductor CS8147 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CS8147
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0
Output Current (mA), VOUT2 (5.0 V)
600
550
500
450
400
350
300
250
200
150
100
50
0
0
Output Current (mA)
Figure 2. Dropout Voltage vs.
Output Current (VOUT1)
Figure 3. Dropout Voltage vs.
Output Current (VOUT2)
50 100 150 200 250 300 350 400 450 500 550 600
0
102030
40
50
6070
8090 100
100
90
80
70
60
50
40
30
20
10
0
Output Current (mA), VOUT2 (5.0 V)
0
Output Current (mA)
Figure 4. Quiescent Current vs.
Output Current (VOUT1)
Figure 5. Quiescent Current vs.
Output Current (VOUT2)
50 100 150 200 250 300 350 400 450 500 550 600
0
102030
40
50
6070
8090 100
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
120
110
100
90
80
70
60
50
40
30
20
10
0
0
Output Current (mA), VOUT1 (10 V)
Figure 6. VOUT2 vs. Temperature
50 100 150 200 250 300 350 400 450 500 550 600
–50
–30
–10
10
30
50
70
90
110
130
5.02
5.01
5.00
4.99
4.98
Temp (C
°)
PART1 VIN = 14 V, No Load
Figure 7. Line Regulation vs.
Output Current (VOUT1)
125
°C
25
°C
–40
°C
125
°C
25
°C
–40
°C
VIN = 6.00 V
125
°C
–40
°C
25
°C
VIN = 14 V
125
°C
25
°C
–40
°C
VIN = 14 V
125
°C
–40
°C
25
°C
VIN = 11 V – 26 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com