Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8147 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS8147
Description  10 V/5.0 V Low Dropout Dual Regulator with ENABLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8147 Datasheet(HTML) 5 Page - ON Semiconductor

  CS8147 Datasheet HTML 1Page - ON Semiconductor CS8147 Datasheet HTML 2Page - ON Semiconductor CS8147 Datasheet HTML 3Page - ON Semiconductor CS8147 Datasheet HTML 4Page - ON Semiconductor CS8147 Datasheet HTML 5Page - ON Semiconductor CS8147 Datasheet HTML 6Page - ON Semiconductor CS8147 Datasheet HTML 7Page - ON Semiconductor CS8147 Datasheet HTML 8Page - ON Semiconductor CS8147 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CS8147
http://onsemi.com
5
10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
Output Current (mA), VOUT2 (5.0 V)
30
0
Output Current (mA), VOUT1 (10 V)
Figure 8. Load Regulation vs.
Output Current (VOUT1)
Figure 9. Load Regulation vs.
Output Current (VOUT2)
50 100 150 200 250 300 350 400 450 500 550 600
0
102030
40
50
6070
8090 100
–100.0
VIN (V)
–1.000
VENABLE 1.000/div (V)
Figure 10. ENABLE Input Current vs.
Input Voltage
Figure 11. Quiescent Current (ICQ) vs.
VIN Overtemperature
0
350
300
250
200
150
100
50
0
9.975
–50
TEMP (
°C)
Figure 12. Quiescent Current (ICQ) vs.
VIN Over RLOAD
0
0
VIN (V)
Figure 13. VOUT1 vs. Temperature
26
22
18
14
10
6
2
–2
–6
–10
0
9.000
100.0
20.00
0
/div
1
2
3
4
5
6
7
8
9 10 11 12 131415
50
100
150
200
250
300
12
3
4
5
6
7
8
9
10 11 12 13 14 15
9.980
9.985
9.990
9.995
10.000
10.005
10.010
10.015
10.020
10.025
–30 –10
10
30
50
70
90
110
130
150
25
°C
–40
°C
125
°C
VIN = 14 V
25
°C
–40
°C
125
°C
VIN = 14 V
–40
°C
25
°C
125
°C
V10 = 500 mA Load
V5 = 70 mA Load
VOUT1 = 500 mA Load
VOUT2 = 100 mA Load
VOUT1 = No Load
VOUT2 = No Load
VOUT1 = 500 mA Load
VOUT2 = No Load
VIN = 14 V
IO = 30 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com