Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8147 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS8147
Description  10 V/5.0 V Low Dropout Dual Regulator with ENABLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8147 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS8147 Datasheet HTML 2Page - ON Semiconductor CS8147 Datasheet HTML 3Page - ON Semiconductor CS8147 Datasheet HTML 4Page - ON Semiconductor CS8147 Datasheet HTML 5Page - ON Semiconductor CS8147 Datasheet HTML 6Page - ON Semiconductor CS8147 Datasheet HTML 7Page - ON Semiconductor CS8147 Datasheet HTML 8Page - ON Semiconductor CS8147 Datasheet HTML 9Page - ON Semiconductor CS8147 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CS8147
http://onsemi.com
6
DEFINITION OF TERMS
Dropout Voltage – The input–output voltage differential
at which the circuit ceases to regulate against further
reduction in input voltage. Measured when the output
voltage has dropped 100 mV from the nominal value
obtained at 14 V input, dropout voltage is dependent upon
load current and junction temperature.
Current Limit – Peak current that can be delivered to the
output.
Input Voltage – The DC voltage applied to the input
terminals with respect to ground.
Input Output Differential – The voltage difference
between the unregulated input voltage and the regulated
output voltage for which the regulator will operate.
Line Regulation – The change in output voltage for a
change in the input voltage. The measurement is made under
conditions of low dissipation or by using pulse techniques
such that the average chip temperature is not significantly
affected.
Load Regulation – The change in output voltage for a
change in load current at constant chip temperature.
Long Term Stability – Output voltage stability under
accelerated life–test conditions after 1000 hours with
maximum rated voltage and junction temperature.
Output Noise Voltage – The rms AC voltage at the
output, with constant load and no input ripple, measured
over a specified frequency range.
Quiescent Current – The part of the positive input
current that does not contribute to the positive load current.
The regulator ground lead current.
Ripple Rejection – The ratio of the peak–to–peak input
ripple voltage to the peak–to–peak output ripple voltage.
Temperature Stability of VOUT – The percentage
change in output voltage for a thermal variation from room
temperature to either temperature extreme.
Figure 14. Typical Circuit Waveform
14 V
0 V
0 V
2.0 V
0.8 V
VIN
ENABLE
VOUT1
VOUT2
60 V
10 V
5.0 V
31 V
10 V
5.0 V
3.0 V
5.0 V
5.0 V
26 V
10 V
5.0 V
0 V
0 V
10 V
5.0 V
0 V
0 V
10 V
5.0 V
14V
0 V
0 V
Load
Dump
Low VIN
Line
Noise, Etc.
VOUT
Short
Circuit
Thermal
Shutdown
Turn
Off
Turn
On
Figure 15. Test & Applications Circuit
VIN
GND
ENABLE
VOUT1
VOUT2
Tuner IC
Control
C1*
0.1
µF
C2**
10
µF
5.0V
10V
* C1 is required if the regulator is located away from the power source filter.
** C2 is required for stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com